Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2076Q Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA2076Q
Description  Y/C/RGB/D for PAL/NTSC Color TVs
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2076Q Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA2076Q Datasheet HTML 2Page - Sony Corporation CXA2076Q Datasheet HTML 3Page - Sony Corporation CXA2076Q Datasheet HTML 4Page - Sony Corporation CXA2076Q Datasheet HTML 5Page - Sony Corporation CXA2076Q Datasheet HTML 6Page - Sony Corporation CXA2076Q Datasheet HTML 7Page - Sony Corporation CXA2076Q Datasheet HTML 8Page - Sony Corporation CXA2076Q Datasheet HTML 9Page - Sony Corporation CXA2076Q Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
– 6 –
CXA2076Q
Power supply for RGB block.
17
18
19
R2IN
G2IN
B2IN
Analog/digital (dual-purpose) RGB signal
inputs.
The input signals are input via capacitors.
When using analog input, input a 0.7Vp-p
signal (no sync, 100 IRE); when using
digital input, input a signal of at least
1.5Vp-p (Vth = 1.2V).
The display level is 67 IRE. When using
digital input, digital input is selected
regardless of the YS setting.
In addition, the VM output is turned off.
These pins are clamped to 5.7V at the
burst timing of the signal input to the
sync input pin (Pin 47).
30k
200
19
17
18
100µA
21
23
25
RSH
GSH
BSH
Sample-and-hold for R, G and B AKB.
Connect to GND via a capacitor.
When not using AKB (manual CUTOFF
mode), R, G and B cut-off voltage can be
controlled by applying a control voltage to
each pin. The control voltage is 4.5 ± 1V.
200
21
23
25
22
24
26
ROUT
GOUT
BOUT
R, G and B signal outputs.
2.5Vp-p is output during 100% white
input.
1.1mA
200
12k
22
24
26
27
IKIN
Input the signal converted from the CRT
beam current (cathode current Ik) to a
voltage via a capacitor. The V blanking
part is clamped to 2.7V at the V retrace
timing.
The input for this pin is the reference
pulse return, and the loop operates so
that the Rch is 1Vp-p and the G and Bch
are 0.81Vp-p. The G and Bch can be
varied by ±0.5V by the bus CUTOFF
control. When not using AKB, this pin
should be open.
1k
27
50µA
20
SVCC2
Pin
No.
Symbol
Equivalent circuit
Description


Similar Part No. - CXA2076Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2074Q SONY-CXA2074Q Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
CXA2074S SONY-CXA2074S Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
CXA2075M SONY-CXA2075M Datasheet
233Kb / 15P
   encoder IC that converts
CXA2078Q SONY-CXA2078Q Datasheet
568Kb / 35P
   I2C Bus-Compatible Audio/Video Switch with Electronic Volume
CXA2079Q SONY-CXA2079Q Datasheet
387Kb / 20P
   S2-Compatible 6-Input 2-Output Audio/Video Switch
More results

Similar Description - CXA2076Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2000Q SONY-CXA2000Q Datasheet
694Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2050S SONY-CXA2050S Datasheet
810Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2060BS SONY-CXA2060BS Datasheet
502Kb / 54P
   Y/C/RGB/D for PAL/NTSC/SECAM Color TVs
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
   Y/C/RGB/D for NTSC Color TVs
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
NTE Electronics
NTE879 NTE-NTE879 Datasheet
25Kb / 3P
   Integrated Circuit RGB to PAL/NTSC Encoder for Color TV
logo
Sony Corporation
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com