Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2074S Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA2074S
Description  US Audio Multiplexing Decoder
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2074S Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA2074S Datasheet HTML 6Page - Sony Corporation CXA2074S Datasheet HTML 7Page - Sony Corporation CXA2074S Datasheet HTML 8Page - Sony Corporation CXA2074S Datasheet HTML 9Page - Sony Corporation CXA2074S Datasheet HTML 10Page - Sony Corporation CXA2074S Datasheet HTML 11Page - Sony Corporation CXA2074S Datasheet HTML 12Page - Sony Corporation CXA2074S Datasheet HTML 13Page - Sony Corporation CXA2074S Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
– 10 –
CXA2074Q/S
26
27
28
30
28
29
30
31
VE
VEWGT
VETC
VEOUT
4.0V
4.0V
1.7V
4.0V
Variable de-emphasis
integrating pin.
(Connect a 2700pF capacitor
and a 3.3k
Ω resistor in series
between this pin and GND.)
Weight the variable
de-emphasis control
effective value detection
circuit.
(Connect a 0.047µF
capacitor and a 3k
Ω resistor
in series between this pin
and GND.)
Determine the restoration
time constant of the variable
de-emphasis control
effective value detection
circuit.
(The specified restoration
time constant can be
obtained by connecting a
3.3µF capacitor between this
pin and GND.)
Variable de-emphasis output
pin.
(Connect a 4.7µF non-polar
capacitor between Pins 31
(30) and 32 (31).)
Vcc
4V
36k
2.9V
580
147
580
8k
30k
↓ 8µ
4k
↓ 50µ
29
(27)
20k
↓ 7.5µ
4k
↓ 50µ
Vcc
× 4
× 4
30
(28)
Vcc
10k
580
580
5P
31
(30)
7.5k
147
VCC
28
(26)
Pin No.
QFP SDIP
Symbol
Pin
voltage
Equivalent circuit
Description


Similar Part No. - CXA2074S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2075M SONY-CXA2075M Datasheet
233Kb / 15P
   encoder IC that converts
CXA2076Q SONY-CXA2076Q Datasheet
520Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2078Q SONY-CXA2078Q Datasheet
568Kb / 35P
   I2C Bus-Compatible Audio/Video Switch with Electronic Volume
CXA2079Q SONY-CXA2079Q Datasheet
387Kb / 20P
   S2-Compatible 6-Input 2-Output Audio/Video Switch
More results

Similar Description - CXA2074S

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2149Q SONY-CXA2149Q Datasheet
300Kb / 25P
   US Audio Multiplexing Decoder
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
   US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2174S SONY-CXA2174S Datasheet
310Kb / 29P
   US Audio Multiplexing Decoder
CXA2094Q SONY-CXA2094Q Datasheet
386Kb / 31P
   US Audio Multiplexing Decoder
CXA2134Q SONY-CXA2134Q Datasheet
433Kb / 35P
   US Audio Multiplexing Decoder
CXA1784AS SONY-CXA1784AS Datasheet
724Kb / 38P
   US Audio Multiplexing Decoder
CXA1785AR SONY-CXA1785AR Datasheet
556Kb / 29P
   US Audio Multiplexing Decoder
CXA2064M SONY-CXA2064M Datasheet
297Kb / 21P
   US Audio Multiplexing Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com