Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA6416APW Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA6416APW
Description  Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA6416APW Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA6416APW Datasheet HTML 1Page - NXP Semiconductors PCA6416APW Datasheet HTML 2Page - NXP Semiconductors PCA6416APW Datasheet HTML 3Page - NXP Semiconductors PCA6416APW Datasheet HTML 4Page - NXP Semiconductors PCA6416APW Datasheet HTML 5Page - NXP Semiconductors PCA6416APW Datasheet HTML 6Page - NXP Semiconductors PCA6416APW Datasheet HTML 7Page - NXP Semiconductors PCA6416APW Datasheet HTML 8Page - NXP Semiconductors PCA6416APW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
PCA6416A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 11 September 2012
3 of 42
NXP Semiconductors
PCA6416A
Low-voltage translating 16-bit I2C-bus/SMBus I/O expander
3.
Ordering information
3.1 Ordering options
4.
Block diagram
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCA6416AHF
HWQFN24
plastic thermal enhanced very very thin quad flat package; no leads;
24 terminals; body 4
 4  0.75 mm
SOT994-1
PCA6416APW
TSSOP24
plastic thin shrink small outline package; 24 leads; body width 4.4 mm
SOT355-1
PCA6416AEV
VFBGA24
plastic very thin fine-pitch ball grid array package; 24 balls;
body 3
 3  0.85 mm
SOT1199-1
Table 2.
Ordering options
Type number
Topside mark
Temperature
PCA6416AHF
416A
Tamb = 40 C to +85 C
PCA6416APW
PCA6416A
Tamb = 40 C to +85 C
PCA6416AEV
416A
Tamb = 40 C to +85 C
All I/Os are set to inputs at reset.
Fig 1.
Block diagram (positive logic)
002aaf537
INT
I2C-BUS
CONTROL
INTERRUPT
LOGIC
PCA6416A
LP FILTER
ADDR
INPUT
FILTER
SHIFT
REGISTER
SDA
SCL
16 BITS
write pulse
read pulse
POWER-ON
RESET
VDD(P)
VSS
I/O
PORT
P0_0 to P0_7
P1_0 to P1_7
RESET
VDD(I2C-bus)


Similar Part No. - PCA6416APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA6416A NXP-PCA6416A Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCA6416APW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI4IOE5V6416Q DIODES-PI4IOE5V6416Q Datasheet
2Mb / 17P
   Low-Voltage Translating 16-bit I2C-bus I/O Expander
PI4IOE5V6416 DIODES-PI4IOE5V6416 Datasheet
1Mb / 19P
   Low-Voltage Translating 16-bit I2C-bus I/O Expander
September 2018
PI4IOE5V6534Q DIODES-PI4IOE5V6534Q Datasheet
5Mb / 34P
   Low-Voltage Translating 34-bit I2C-bus I/O Expander
April 2021
logo
Kinetic Technologies.
KTS1622 KINETIC-KTS1622 Datasheet
1Mb / 28P
   Low Voltage 16-Bit I2C-bus I/O Expander
April 2020 - Revision 04d
logo
NXP Semiconductors
PCAL6416A NXP-PCAL6416A_V01 Datasheet
840Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7 ??30 March 2021
PCAL6416A NXP-PCAL6416A_V02 Datasheet
859Kb / 56P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 7.1 - 30 August 2022
PCAL6416A NXP-PCAL6416A Datasheet
2Mb / 54P
   Low-voltage translating 16-bit I2C-bus/SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 3-24 December 2012
logo
Texas Instruments
TCA9539 TI1-TCA9539_15 Datasheet
1Mb / 42P
[Old version datasheet]   Low Voltage 16-Bit I2C and SMBus Low-Power I/O Expander
TCAL6416 TI-TCAL6416 Datasheet
1Mb / 42P
[Old version datasheet]   TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022
TCAL6416 TI-TCAL6416_V01 Datasheet
1Mb / 43P
[Old version datasheet]   TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com