Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100E137 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100E137
Description  5 VECL 8-Bit Ripple Counter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E137 Datasheet(HTML) 5 Page - ON Semiconductor

  MC100E137 Datasheet HTML 1Page - ON Semiconductor MC100E137 Datasheet HTML 2Page - ON Semiconductor MC100E137 Datasheet HTML 3Page - ON Semiconductor MC100E137 Datasheet HTML 4Page - ON Semiconductor MC100E137 Datasheet HTML 5Page - ON Semiconductor MC100E137 Datasheet HTML 6Page - ON Semiconductor MC100E137 Datasheet HTML 7Page - ON Semiconductor MC100E137 Datasheet HTML 8Page - ON Semiconductor MC100E137 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC10E137, MC100E137
http://onsemi.com
5
Table 6. 100E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V (Note 7)
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
121
145
121
145
139
167
mA
VOH
Output HIGH Voltage (Note 8)
3975
4050
4120
3975
4050
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 8)
3190
3295
3380
3190
3255
3380
3190
3260
3380
mV
VIH
Input HIGH Voltage (Single−Ended)
3835
3975
4120
3835
3975
4120
3835
3975
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3190
3355
3525
3190
3355
3525
3190
3355
3525
mV
VBB
Output Voltage Reference
3.62
3.73
3.62
3.74
3.62
3.74
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 9)
2.2
4.6
2.2
4.6
2.2
4.6
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
7. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
8. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
9. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
Table 7. 100E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = −5.0 V (Note 10)
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
121
145
121
145
139
167
mA
VOH
Output HIGH Voltage (Note 11)
−1025
−950
−880
−1025
−950
−880
−1025
−950
−880
mV
VOL
Output LOW Voltage (Note 11)
−1810 −1705 −1620 −1810 −1745 −1620 −1810 −1740 −1620
mV
VIH
Input HIGH Voltage (Single−En-
ded)
−1165
−1025
−880
−1165
−1025
−880
−1165
−1025
−880
mV
VIL
Input LOW Voltage (Single−En-
ded)
−1810 −1645 −1475 −1810 −1645 −1475 −1810 −1645 −1475
mV
VBB
Output Voltage Reference
−1.38
−1.27
−1.38
−1.26
−1.38
−1.26
V
VIHCMR
Input HIGH Voltage Common
Mode Range (Differential Configu-
ration) (Note 12)
−3.8
−0.4
−3.8
−0.4
−3.8
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
10.Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
11. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
12.VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.


Similar Part No. - MC100E137

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E137 ONSEMI-MC100E137 Datasheet
117Kb / 5P
   8-BIT RIPPLE COUNTER
1996 REV 2
MC100E137 ONSEMI-MC100E137 Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC100E137FN ONSEMI-MC100E137FN Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC100E137FNG ONSEMI-MC100E137FNG Datasheet
139Kb / 9P
   5 V ECL 8-Bit Ripple Counter
November, 2006 ??Rev. 8
MC100E137FNG ONSEMI-MC100E137FNG Datasheet
171Kb / 9P
   5V ECL 8?륛it Ripple Counter
July, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com