Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317LZRE Datasheet(PDF) 10 Page - ON Semiconductor

Part # LM317LZRE
Description  100 mA Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LZRE Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LM317LZRE Datasheet HTML 4Page - ON Semiconductor LM317LZRE Datasheet HTML 5Page - ON Semiconductor LM317LZRE Datasheet HTML 6Page - ON Semiconductor LM317LZRE Datasheet HTML 7Page - ON Semiconductor LM317LZRE Datasheet HTML 8Page - ON Semiconductor LM317LZRE Datasheet HTML 9Page - ON Semiconductor LM317LZRE Datasheet HTML 10Page - ON Semiconductor LM317LZRE Datasheet HTML 11Page - ON Semiconductor LM317LZRE Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LM317L, NCV317LB
http://onsemi.com
10
ORDERING INFORMATION
Device
Operating Temperature Range
Package
Shipping
LM317LBD
TJ = -40°C to +125°C
SOIC-8
98 Units / Rail
LM317LBDG
SOIC-8 (Pb-Free)
98 Units / Rail
LM317LBDR2
SOIC-8
2500/Tape & Reel
LM317LBDR2G
SOIC-8 (Pb-Free)
2500/Tape & Reel
LM317LBZ
TO-92
2000 Units / Bag
LM317LBZG
TO-92 (Pb-Free)
2000 Units / Bag
LM317LBZRA
TO-92
2000 Tape & Reel
LM317LBZRAG
TO-92 (Pb-Free)
2000 Tape & Reel
LM317LBZRP
TO-92
2000 Ammo Pack
LM317LBZRPG
TO-92 (Pb-Free)
2000 Ammo Pack
NCV317LBDG*
SOIC-8 (Pb-Free)
98 Units / Rail
NCV317LBDR2*
SOIC-8
2500/Tape & Reel
NCV317LBDR2G*
SOIC-8 (Pb-Free)
2500/Tape & Reel
NCV317LBZG*
TO-92 (Pb-Free)
2000 Units / Bag
NCV317LBZRAG*
TO-92 (Pb-Free)
2000 Tape & Reel
LM317LD
TJ = 0°C to +125°C
SOIC-8
98 Units / Rail
LM317LDG
SOIC-8 (Pb-Free)
98 Units / Rail
LM317LDR2
SOIC-8
2500/Tape & Reel
LM317LDR2G
SOIC-8 (Pb-Free)
2500/Tape & Reel
LM317LZ
TO-92
2000 Units / Bag
LM317LZG
TO-92 (Pb-Free)
2000 Units / Bag
LM317LZRA
TO-92
2000 Tape & Reel
LM317LZRAG
TO-92 (Pb-Free)
2000 Tape & Reel
LM317LZRE
TO-92
2000 Tape & Reel
LM317LZREG
TO-92 (Pb-Free)
2000 Tape & Reel
LM317LZRM
TO-92
2000 Ammo Pack
LM317LZRMG
TO-92 (Pb-Free)
2000 Ammo Pack
LM317LZRP
TO-92
2000 Ammo Pack
LM317LZRPG
TO-92 (Pb-Free)
2000 Ammo Pack
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
* NCV devices: Tlow = -40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and
control change.


Similar Part No. - LM317LZRE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317LZRE ONSEMI-LM317LZRE Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317LZREG ONSEMI-LM317LZREG Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
More results

Similar Description - LM317LZRE

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable Output Positive VoltageRegulator
logo
Panasonic Semiconductor
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com