Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2067 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA2067
Description  Preamplifier for High-Resolution Computer Display
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2067 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA2067 Datasheet HTML 6Page - Sony Corporation CXA2067 Datasheet HTML 7Page - Sony Corporation CXA2067 Datasheet HTML 8Page - Sony Corporation CXA2067 Datasheet HTML 9Page - Sony Corporation CXA2067 Datasheet HTML 10Page - Sony Corporation CXA2067 Datasheet HTML 11Page - Sony Corporation CXA2067 Datasheet HTML 12Page - Sony Corporation CXA2067 Datasheet HTML 13Page - Sony Corporation CXA2067 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
—10—
CXA2067AS
Electrical Characteristics
No.
1
2
3
4
5
6
7
8
Measurement item
Current consumption
(5 V)
Current consumption
(12 V)
Current consumption
(12 V OFF)
Frequency response
(50 MHz)
Frequency response
(100 MHz)
Contrast control 1
Contrast control 2
Sub contrast
control
Symbol
ICC1
ICC2
ICC3
F50
F100
GCONT1
GCONT2
GSUB
Measurement contents
VCC (5 V) pin inflow current
RGB signal input: None
VCC R/G/B (12 V) pin inflow current
RGB signal input: None
VCC pin inflow current for 12 V OFF
RGB signal input: None
Input the continuous 1 MHz, 50 MHz and 100
MHz sine waves (0.7 Vp-p). Measure the
output amplitude gain difference at this time.
Vout (50 MHz)
Gain difference [dB]=20 log
Vout (1 MHz)
Vout (100 MHz)
Gain difference [dB]=20 log
Vout (1 MHz)
Measure the output signal amplitude Vout
level when a 0.7 Vp-p video signal is input.
GCONT1 : Contrast=SubContrast=FF
GCONT2 : Contrast=00/SubContrast=FF
Measure the output signal amplitude Vout
level when a 0.7 Vp-p video signal is input.
Contrast=FF/SubContrast=00
Min.
Typ.
Max.
Unit
85
115
140
mA
29.5
45
55.5
mA
20
30
40
mA
–1.5
0
1.9
dB
–3.0
0
3.0
dB
5.6
6.2
Vp-p
0
100 mVp-p
0
100 mVp-p
0.7Vp-p
GND
CLP potential (Approx. 1.7 V)
RGB input signal (RGB input pins)
0.7Vp-p
Input signal
0.7Vp-p
Input signal


Similar Part No. - CXA2067

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2067 SONY-CXA2067 Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
More results

Similar Description - CXA2067

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2066S SONY-CXA2066S Datasheet
196Kb / 21P
   Preamplifier for High Resolution Computer Display
CXA2153S SONY-CXA2153S Datasheet
187Kb / 24P
   Preamplifier for High Resolution Computer Display
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
   Preamplifier for High Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
CXA1779P SONY-CXA1779P Datasheet
147Kb / 10P
   Predriver for High Resolution Computer Displays
logo
Aven, Inc.
26700-401 AVEN-26700-401 Datasheet
2Mb / 1P
   High Resolution Inspection, No Computer Required.
logo
Toshiba Semiconductor
2SD2498 TOSHIBA-2SD2498_07 Datasheet
288Kb / 5P
   HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
logo
List of Unclassifed Man...
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
   HIGH-RESOLUTION DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M52337SP MITSUBISHI-M52337SP Datasheet
110Kb / 17P
   3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNCTION FOR HIGH-RESOLUTION COLOR DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com