Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2067 Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA2067
Description  Preamplifier for High-Resolution Computer Display
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2067 Datasheet(HTML) 2 Page - Sony Corporation

  CXA2067 Datasheet HTML 1Page - Sony Corporation CXA2067 Datasheet HTML 2Page - Sony Corporation CXA2067 Datasheet HTML 3Page - Sony Corporation CXA2067 Datasheet HTML 4Page - Sony Corporation CXA2067 Datasheet HTML 5Page - Sony Corporation CXA2067 Datasheet HTML 6Page - Sony Corporation CXA2067 Datasheet HTML 7Page - Sony Corporation CXA2067 Datasheet HTML 8Page - Sony Corporation CXA2067 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
—2—
CXA2067AS
LPF
SDA
SCL
COF R
COF G
COF B
COF RGB
RIN
VCC
GIN
SYNC IN
BIN
CLP
OSD-R
OSD-G
OSD-B
CSYNC/VDET
VCC R
S/H-R
ROUT
GND-R
S/H-G
GOUT
GND-G
VCC G
S/H-B
BOUT
GND-B
BLKING
YS
VCC B
to
OSDSW
to
OSDSW
to
OSDSW
to
OSDSW
Rch
Bch
OSD YS
GENERATOR
GAIN
CONTROL
AMP
GAIN CONTROL DATA
SYNC SEP/VDET
VDET
COMPARATOR
SYNC
SEPARATOR
SVSW
SUB
CONTRAST
CONTRAST
OSD SW
BLANKING
MODE
BLANKING PULSE
BRIGHTNESS
OSD GAIN (R)
OSD PULSE (13PIN)
YS PULSE (17PIN)
To each MODE SW
I C BUS
DECORDER
2
BLANKING
BUFFER AMP
Same as R channel
Same as R channel
Gch
17
18
19
20
21
23
24
25
26
27
28
29
30
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
12V
5V
12V
12V
22
16
D/A CONVERTOR
CONTRAST
SUB CONTRAST (R)
SUB CONTRAST (G)
SUB CONTRAST (B)
OSD GAIN (R)
OSD GAIN (G)
OSD GAIN (B)
BRIGHTNESS (RGB)
CUTOFF (R)
CUTOFF (G)
CUTOFF (B)
CUTOFF (RGB)
Block Diagram


Similar Part No. - CXA2067

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2067 SONY-CXA2067 Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
More results

Similar Description - CXA2067

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2066S SONY-CXA2066S Datasheet
196Kb / 21P
   Preamplifier for High Resolution Computer Display
CXA2153S SONY-CXA2153S Datasheet
187Kb / 24P
   Preamplifier for High Resolution Computer Display
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
   Preamplifier for High Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
CXA1779P SONY-CXA1779P Datasheet
147Kb / 10P
   Predriver for High Resolution Computer Displays
logo
Aven, Inc.
26700-401 AVEN-26700-401 Datasheet
2Mb / 1P
   High Resolution Inspection, No Computer Required.
logo
Toshiba Semiconductor
2SD2498 TOSHIBA-2SD2498_07 Datasheet
288Kb / 5P
   HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
logo
List of Unclassifed Man...
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
   HIGH-RESOLUTION DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M52337SP MITSUBISHI-M52337SP Datasheet
110Kb / 17P
   3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNCTION FOR HIGH-RESOLUTION COLOR DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com