Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2067AS Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA2067AS
Description  Preamplifier for High-Resolution Computer Display
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2067AS Datasheet(HTML) 4 Page - Sony Corporation

  CXA2067AS Datasheet HTML 1Page - Sony Corporation CXA2067AS Datasheet HTML 2Page - Sony Corporation CXA2067AS Datasheet HTML 3Page - Sony Corporation CXA2067AS Datasheet HTML 4Page - Sony Corporation CXA2067AS Datasheet HTML 5Page - Sony Corporation CXA2067AS Datasheet HTML 6Page - Sony Corporation CXA2067AS Datasheet HTML 7Page - Sony Corporation CXA2067AS Datasheet HTML 8Page - Sony Corporation CXA2067AS Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
—4—
CXA2067AS
10
12
13
14
15
16
17
SYNC IN
CLP
OSD-R
OSD-G
OSD-B
VCC B
YS
2.8 V
12 V
100
VCC
VCC
VCC
150
10
VCC
VCC
10k
2p
10k
10k
12
VCC
VCC
10k
2p
13
14
15
5k
VCC
VCC
10k
2p
5k
17
Sync-on-green signal input.
Input via a capacitor.
Clamp pulse (positive polarity)
input.
VILMAX=0.8 V
VIHMIN=2.8 V
OSD control inputs.
VILMAX=0.8 V
VIHMIN=2.8 V
12 V power supply. (B channel)
YS (OSD BLK) control input.
VILMAX=0.8 V
VIHMIN=2.8 V
Pin
Symbol
Pin
Equivalent circuit
Description
No.
voltage


Similar Part No. - CXA2067AS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2067 SONY-CXA2067 Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
More results

Similar Description - CXA2067AS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2066S SONY-CXA2066S Datasheet
196Kb / 21P
   Preamplifier for High Resolution Computer Display
CXA2153S SONY-CXA2153S Datasheet
187Kb / 24P
   Preamplifier for High Resolution Computer Display
CXA2055P SONY-CXA2055P Datasheet
295Kb / 20P
   Preamplifier for High Resolution Computer Display
CXA2067S SONY-CXA2067S Datasheet
204Kb / 18P
   Preamplifier for High-Resolution Computer Display
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
CXA1779P SONY-CXA1779P Datasheet
147Kb / 10P
   Predriver for High Resolution Computer Displays
logo
Aven, Inc.
26700-401 AVEN-26700-401 Datasheet
2Mb / 1P
   High Resolution Inspection, No Computer Required.
logo
Toshiba Semiconductor
2SD2498 TOSHIBA-2SD2498_07 Datasheet
288Kb / 5P
   HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
logo
List of Unclassifed Man...
GM1601 ETC-GM1601 Datasheet
176Kb / 2P
   HIGH-RESOLUTION DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M52337SP MITSUBISHI-M52337SP Datasheet
110Kb / 17P
   3-CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNCTION FOR HIGH-RESOLUTION COLOR DISPLAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com