Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW04-7V0B Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # BZW04-7V0B
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BZW04-7V0B Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  BZW04-7V0B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-7V0B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-7V0B Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd BZW04-7V0B Datasheet HTML 4Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 of 4
5.8V-376V
40A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Transient Voltage Suppressors
Notes:
(1) Pulse test: tp ≤ 50 ms
(2) Surge current waveform per Fig. 3 and derated per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35
(4) For bi-directional types having VWM of 10 V and less, the ID limit is doubled
BZW04P70
BZW04P70B
77.9
90.2
1.0
70.1
1.0
3.5
113
0.105
BZW04-70
BZW04-70B
77.9
86.1
1.0
70.1
1.0
3.5
113
0.105
BZW04P78
BZW04P78B
86.5
100
1.0
78.0
1.0
3.2
125
0.105
BZW04-78
BZW04-78B
86.5
95.5
1.0
78.0
1.0
3.2
125
0.105
BZW04P85
BZW04P85B
95.0
110
1.0
85.5
1.0
2.9
137
0.106
BZW04-85
BZW04-85B
95.0
105
1.0
85.5
1.0
2.9
137
0.106
BZW04P94
BZW04P94B
105
121
1.0
94.0
1.0
2.6
152
0.107
BZW04-94
BZW04-94B
105
116
1.0
94.0
1.0
2.6
152
0.107
BZW04P102
BZW04P102B
114
132
1.0
102
1.0
2.4
165
0.107
BZW04-102
BZW04-102B
114
126
1.0
102
1.0
2.4
165
0.107
BZW04P110
BZW04P110B
124
143
1.0
111
1.0
2.2
179
0.107
BZW04-110
BZW04-110B
124
137
1.0
111
1.0
2.2
179
0.107
BZW04P128
BZW04P128B
143
165
1.0
128
1.0
2.0
207
0.108
BZW04-128
BZW04-128B
143
158
1.0
128
1.0
2.0
207
0.108
BZW04P136
BZW04P136B
152
176
1.0
136
1.0
1.8
219
0.108
BZW404-136
BZW404-136B
152
168
1.0
136
1.0
1.8
219
0.108
BZW04P145
BZW04P145B
161
187
1.0
145
1.0
1.7
234
0.108
BZW04-145
BZW04-145B
161
179
1.0
145
1.0
1.7
234
0.108
BZW04P154
BZW04P154B
171
198
1.0
154
1.0
1.6
246
0.108
BZW04-154
BZW04-154B
171
189
1.0
154
1.0
1.6
246
0.108
BZW04P171
BZW04P171B
190
220
1.0
171
1.0
1.5
274
0.108
BZW04-171
BZW04-171B
190
210
1.0
171
1.0
1.5
274
0.108
BZW04P188
BZW04P188B
209
242
1.0
188
1.0
1.4
301
0.108
BZW04-188
BZW04-188B
209
231
1.0
188
1.0
1.4
301
0.108
BZW04P213
BZW04P213B
237
275
1.0
213
1.0
1.2
344
0.110
BZW04-213
BZW04-213B
237
263
1.0
213
1.0
1.2
344
0.110
BZW04P239
BZW04P239B
266
308
1.0
239
1.0
1.1
384
0.110
BZW04-239
BZW04-239B
266
294
1.0
239
1.0
1.1
384
0.110
BZW04P256
BZW04P256B
285
330
1.0
256
1.0
1.0
414
0.110
BZW04-256
BZW04-256B
285
315
1.0
256
1.0
1.0
414
0.110
BZW04P273
BZW04P273B
304
352
1.0
273
1.0
0.90
438
0.110
BZW04-273
BZW04-273B
304
336
1.0
273
1.0
0.90
438
0.110
BZW04P299
BZW04P299B
332
385
1.0
299
1.0
0.80
482
0.110
BZW04-299
BZW04-299B
332
368
1.0
299
1.0
0.80
482
0.110
BZW04P342
BZW04P342B
380
440
1.0
342
1.0
0.75
548
0.110
BZW04-342
BZW04-342B
380
420
1.0
342
1.0
0.75
548
0.110
BZW04P376
BZW04P376B
418
484
1.0
376
1.0
0.67
603
0.110
BZW04-376
BZW04-376B
418
462
1.0
376
1.0
0.67
603
0.110
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART NUMBER
BREAKDOWN
VOLTAGE
VBR AT IT
(1)
(V)
TEST
CURRENT
IT (mA)
STAND-
OFF
VOLTAGE
VWM (V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID
(4) (µA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM
(2) (A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF
VBR (%/°C)
UNI-DIRECTIONAL BI-DIRECTIONAL
MIN.
MAX.
BZW04P-5V8 THRU BZW04-376


Similar Part No. - BZW04-7V0B

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BZW04-7V0B DBLECTRO-BZW04-7V0B Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04-7V0B BILIN-BZW04-7V0B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-7V0B VISHAY-BZW04-7V0B Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
MDE Semiconductor, Inc.
BZW04-7V0B MDE-BZW04-7V0B Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
BZW04-7V0B LUGUANG-BZW04-7V0B Datasheet
189Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - BZW04-7V0B

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com