Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J310G Datasheet(PDF) 3 Page - ON Semiconductor

Part # J310G
Description  JFET VHF/UHF Amplifiers N.Channel . Depletion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J310G Datasheet(HTML) 3 Page - ON Semiconductor

  J310G Datasheet HTML 1Page - ON Semiconductor J310G Datasheet HTML 2Page - ON Semiconductor J310G Datasheet HTML 3Page - ON Semiconductor J310G Datasheet HTML 4Page - ON Semiconductor J310G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
J309, J310
http://onsemi.com
3
ORDERING INFORMATION
Device
Package
Shipping
J309
TO−92
1000 Units / Bulk
J309G
TO−92
(Pb−Free)
J310
TO−92
1000 Units / Bulk
J310G
TO−92
(Pb−Free)
J310RLRP
TO−92
2000 Units / Tape & Ammo Box
J310RLRPG
TO−92
(Pb−Free)
J310ZL1
TO−92
2000 Units / Tape & Ammo Box
J310ZL1G
TO−92
(Pb−Free)
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
70
60
50
40
30
20
−5.0
−4.0
−3.0
−2.0
−1.0
0
ID − VGS, GATE−SOURCE VOLTAGE (VOLTS)
10
0
70
60
50
40
30
20
10
IDSS − VGS, GATE−SOURCE CUTOFF VOLTAGE (VOLTS)
Figure 1. Drain Current and Transfer
Characteristics versus Gate−Source Voltage
VDS = 10 V
IDSS
+25
°C
TA = −55°C
+25
°C
+25
°C
−55
°C
+150
°C
+150
°C
VGS, GATE−SOURCE VOLTAGE (VOLTS)
5.0
4.0
3.0
2.0
1.0
0
35
30
25
20
15
10
5.0
0
Figure 2. Forward Transconductance
versus Gate−Source Voltage
VDS = 10 V
f = 1.0 MHz
TA = −55°C
+25
°C
+150
°C
+25
°C
−55
°C
+150
°C


Similar Part No. - J310G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
J310G ONSEMI-J310G Datasheet
66Kb / 5P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
More results

Similar Description - J310G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BF245A ONSEMI-BF245A Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
J309 ONSEMI-J309 Datasheet
66Kb / 5P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
ON Semiconductor
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
J308 ONSEMI-J308_06 Datasheet
190Kb / 6P
   JFET VHF/UHF Amplifiers
August, 2006 ??Rev. 2
2N5486 ONSEMI-2N5486 Datasheet
174Kb / 8P
   JFET VHF/UHF Amplifiers
May, 2001 ??Rev. 0
J308 ONSEMI-J308 Datasheet
160Kb / 8P
   JFET VHF/UHF Amplifiers
1997
J111 ONSEMI-J111_12 Datasheet
90Kb / 5P
   JFET Chopper Transistors N.Channel . Depletion
March, 2006 ??Rev. 2
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
   JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com