Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXA2061S Datasheet(PDF) 1 Page - Sony Corporation

Part No. CXA2061S
Description  Y/C/RGB/D for NTSC Color TVs
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 1 page
background image
Y/C/RGB/D for NTSC Color TVs
Description
The CXA2061S is a bipolar IC which integrates
the luminance signal processing, chroma signal
processing, RGB signal processing, and sync and
deflection signal processing functions for NTSC
system color TVs onto a signal chip. The IC also
includes deflection processing functions for wide
TVs.
Features
• Reduction in peripheral parts
(ceramic oscillator, AKB sample-and-hold capacitor, etc.)
• I2C bus compatible
• Built-in deflection compensation circuit which is capable of supporting variaus wide modes
• Non-adjusting V oscillator frequency with a countdown system
• Non-interlace display support (even/odd selectable)
• Non-adjusting Y/C filter
• Three sets of CV inputs, two sets of Y/C inputs (can serve as both Y/C and CV inputs), one set of Y/C inputs
supports an external combfilter, two sets of RGB inputs, one set of YUV inputs
• It can be outputted YUV on RGB1 inputs
• Built-in dynamic picture and dynamic color circuits
• Built-in AKB and gamma correction circuits
• FSC output
Applications
Color TVs (4:3, 16:9)
Structure
Bipolar silicon monolithic IC
Abusolute Maximum Ratings (Ta = 25°C, GND1, 2 = 0V)
• Supply voltage
VCC1, 2
–0.3 to +12
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation PD
1.5
W
(when mounted on a 50mm
× 50mm board)
• Voltages at each pin
–0.3 to VCC1, 2 + 0.3 V
Operating Condition
Supply voltage
VCC1, 2
9 ± 0.5
V
– 1 –
E97538-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA2061S
48 pin SDIP (Plastic)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXA2000QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2050SY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2060BSY/C/RGB/D for PAL/NTSC/SECAM Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2076QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
NTE7148Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection 1 2 3 4 5 MoreNTE Electronics
AN5192KSingle chip IC with I2C bus Interface for PAL/NTSC color TV system 1 2 3 4 5 MorePanasonic Semiconductor
TA8772ANPAL/SECAM/NTSC BASE 1H DELAY SYSTEM FOR COLOR TV OR VCR 1 2 3 4 5 MoreToshiba Semiconductor
ICX054AK1/3-inch CCD Image Sensor for NTSC Color Camera 1 2 3 4 5 MoreSony Corporation
ICX206AKBDiagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
AN5195KSingle chip IC for PAL/NTSC color TV built-in I2C bus interface 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl