Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXA2061S Datasheet(PDF) 9 Page - Sony Corporation

Part No. CXA2061S
Description  Y/C/RGB/D for NTSC Color TVs
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 9 page
background image
– 9 –
CXA2061S
YS1 switch control.
Selects the RGB1 input.
YS1 Vth: 0.7V
This pin is also used to switch the slave
address. When this pin is 7V or more, the
slave address changes from 88H to 8AH.
SLAVE ADDRESS Vth: 7V
25
YS1
26
27
28
B1 IN
G1 IN
R1 IN
R1, G1 and B1 signal input. Input a 0.7Vp-p
(no sync, 100 IRE) signal via a 0.01µF
capacitor. The input signal is clamped at
the burst timing in SCP.
29
YS2/YM
YS2/YM switch control. Select the RGB2
input. As YM function, when YM is high
(YM Vth: 0.7V), the output signal is
attenuated by 10dB.
YS2 Vth: 2V
147
25
30k
1.2k
60k
26
27
28
29
147 13k
7k
30
31
32
B2 IN
G2 IN
R2 IN
R2, G2 and B2 signal input. Input a 0.7Vp-p
(no sync, 100 IRE) signal via a 0.01µF
capacitor. Same as RGB1 IN, the input
signal is clamped at the burst timing in SCP.
When setting the bus YUV OUT = 1 and
connecting 10k
Ω resistors to Vcc, Internal
YUV signals outputs
30 Pin: B-Y output
31 Pin: R-Y output
32 Pin: Y output
30
32
1.2k
60k
31
33
Vcc1
Power supply
Pin
No.
Symbol
Equivalent circuit
Description




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXA2000QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2050SY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2060BSY/C/RGB/D for PAL/NTSC/SECAM Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2076QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
NTE7148Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection 1 2 3 4 5 MoreNTE Electronics
AN5192KSingle chip IC with I2C bus Interface for PAL/NTSC color TV system 1 2 3 4 5 MorePanasonic Semiconductor
TA8772ANPAL/SECAM/NTSC BASE 1H DELAY SYSTEM FOR COLOR TV OR VCR 1 2 3 4 5 MoreToshiba Semiconductor
ICX054AK1/3-inch CCD Image Sensor for NTSC Color Camera 1 2 3 4 5 MoreSony Corporation
ICX206AKBDiagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
AN5195KSingle chip IC for PAL/NTSC color TV built-in I2C bus interface 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl