Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXA2061S Datasheet(PDF) 6 Page - Sony Corporation

Part No. CXA2061S
Description  Y/C/RGB/D for NTSC Color TVs
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 6 page
background image
– 6 –
CXA2061S
11
EW
V parabola wave output.
1.2k
300µA
11
Pin
No.
Symbol
Equivalent circuit
Description
12
I REF
Internal reference current setting.
Connect to GND via a 10k
Ω resistor
(metal film resistor) with an error of 1% or
less.
13
VD+
14
VD–
V sawtooth wave output. The pin 13 and
14 outputs are the reverse polarity of each
other.
147
7.2k
24k
12
2k
300µA
13
2k
300µA
14
10
GND1
GND (the deflection blocks circuit).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXA2000QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2050SY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2060BSY/C/RGB/D for PAL/NTSC/SECAM Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2076QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
NTE7148Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection 1 2 3 4 5 MoreNTE Electronics
AN5192KSingle chip IC with I2C bus Interface for PAL/NTSC color TV system 1 2 3 4 5 MorePanasonic Semiconductor
TA8772ANPAL/SECAM/NTSC BASE 1H DELAY SYSTEM FOR COLOR TV OR VCR 1 2 3 4 5 MoreToshiba Semiconductor
ICX054AK1/3-inch CCD Image Sensor for NTSC Color Camera 1 2 3 4 5 MoreSony Corporation
ICX206AKBDiagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
AN5195KSingle chip IC for PAL/NTSC color TV built-in I2C bus interface 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl