Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXA2061S Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXA2061S
Description  Y/C/RGB/D for NTSC Color TVs
Download  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 4 page
background image
– 4 –
CXA2061S
Pin Description
Chroma signal input. Input a chroma
signal with a burst level of 300mVp-p via a
0.1µF capacitor. The S terminal signal is
normally input.
Pin
No.
Symbol
Equivalent circuit
Description
1
APED
Capacitor connection for black peak hold
of the dynamic picture (black expansion).
Connect to GND via a 4.7µF capacitor.
2
C1 IN
3
ABL IN
ABL control signal input and VD high
voltage fluctuation compensation signal
input. High voltage fluctuation
compensation has linear control
characteristics for the pin voltage range of
about 8 to 1V. Control characteristics can
be varied through EHT COMP control of
the bus. ABL function as PIC/BRT-ABL
(average value type). The threshhold
voltage at which ABL begins to have effect
can be switched between 3 to 1V by the
bus.
4
CVBS1/Y1 IN
CVBS signal/luminance signal input.
Input a 1Vp-p (100% white including sync)
CVBS signal via a 1µF capacitor.
When inputting Y/C separated signal,
input the Y signal.
1
94k
4µA
1k
50k
147
5.4V
2
147
3.7V / 1.7V
3
50k
147
5.4V
4




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXA2000QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2050SY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2060BSY/C/RGB/D for PAL/NTSC/SECAM Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2076QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
NTE7148Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection 1 2 3 4 5 MoreNTE Electronics
AN5192KSingle chip IC with I2C bus Interface for PAL/NTSC color TV system 1 2 3 4 5 MorePanasonic Semiconductor
TA8772ANPAL/SECAM/NTSC BASE 1H DELAY SYSTEM FOR COLOR TV OR VCR 1 2 3 4 5 MoreToshiba Semiconductor
ICX054AK1/3-inch CCD Image Sensor for NTSC Color Camera 1 2 3 4 5 MoreSony Corporation
ICX206AKBDiagonal 4.5mm Type 1/4 CCD Image Sensor for NTSC Color Video Cameras 1 2 3 4 5 MoreSony Corporation
AN5195KSingle chip IC for PAL/NTSC color TV built-in I2C bus interface 1 2 3 4 5 MorePanasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl