Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MGS13002D Datasheet(PDF) 5 Page - Motorola, Inc

Part No. MGS13002D
Description  Insulated Gate Bipolar Transistor N-Channel Enhancement-Mode Silicon Gate
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

   
 5 page
background image
MGS13002D
5
Motorola IGBT Device Data
t, TIME (ms)
1.0
0.1
0.01
D = 0.5
SINGLE PULSE
1.0E–05
1.0E–04
1.0E–03
1.0E–02
1.0E–01
1.0E+00
1.0E+01
0.2
0.1
0.05
0.02
0.01
1.0E+02
1.0E+03
0.001
R
θJC(t) = r(t) RθJC
R
θJC = 25°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
Figure 12. Typical Thermal Response
(RqJC(t))




Html Pages

1  2  3  4  5  6 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MTM55N10N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR 1 2 3 4 5 Motorola, Inc
IRG4PC50FPBFFast Speed IGBT - INSULATED GATE BIPOLAR TRANSISTOR 1 2 3 4 5 MoreInternational Rectifier
IRG4PC60F-PPBFINSULATED GATE BIPOLAR TRANSISTOR Fast Speed IGBT 1 2 3 4 5 MoreInternational Rectifier
IRGP4063DPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE 1 2 3 4 5 MoreInternational Rectifier
IRG4PH30KPBFINSULATED GATE BIPOLAR TRANSISTOR Short Circuit Rated Ultrafast IGBT 1 2 3 4 5 MoreInternational Rectifier
IRG4MC30FFast Speed IGBT - INSULATED GATE BIPOLAR TRANSISTOR 1 2 3 4 5 MoreInternational Rectifier
IRG4BC15UD-SPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIOD 1 2 3 4 5 MoreInternational Rectifier
IRG4BC20SD-SPBFINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIOD 1 2 3 4 5 MoreInternational Rectifier
IRC4BC40FINSULATED GATE BIPOLAR TRANSISTOR 1 2 3 4 5 MoreInternational Rectifier
IRGPC60KINSULATED GATE BIPOLAR TRANSISTOR 1 2 3 4 5 MoreInternational Rectifier

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl