Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXA2060BS Datasheet(PDF) 1 Page - Sony Corporation

Part No. CXA2060BS
Description  Y/C/RGB/D for PAL/NTSC/SECAM Color TVs
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 1 page
background image
Y/C/RGB/D for PAL/NTSC/SECAM Color TVs
Description
The CXA2060BS is a bipolar IC which integrates
the luminance signal processing, chroma signal
processing, RGB signal processing, and sync and
deflection signal processing functions for PAL/
NTSC/SECAM system color TVs onto a single chip.
This IC includes deflection processing functions for
wide-screen TVs. With a SECAM decoder and 1H
delay line built in for PAL/SECAM, this IC can be
used in configuring multi-color system TV set.
Features
• Supports the I2C bus
• 1H delay line and SECAM decoder
• Supports NTSC/PAL-N/PAL-M systems with three crystal pins
• Deflection compensation circuit for support of various wide modes
• Count down system eliminates need for V oscillation frequency adjustment
• Automatic identification of 50/60Hz vertical frequency (forced control possible)
• Supports non-interlace display (even/odd selectable)
• Automatic identification of PAL, NTSC and SECAM color systems (forced control possible)
• Automatic identification of 4.43MHz/3.58MHz for crystal (forced control possible)
• No adjustment of Y/C filter required
• Three CV inputs, two Y/C inputs (Y/C input shared with CV input), one Y/C input supporting external comb
filter, two RGB inputs
• Dynamic picture/dynamic color circuit
• AKB and gamma correction circuits
• YS1 can be forcibly turned OFF
• FSC output (shared with PAL-N crystal pin)
Applications
Color TVs (4:3, 16:9)
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings (Ta = 25°C, GND1, 2 = 0V)
• Supply voltage
VCC1, 2
–0.3 to +12
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
1.5
W
(When mounted on a 50mm
× 50mm board)
• Voltage at each pin
–0.3 to VCC1, 2 + 0.3
V
Operating Conditions
Supply voltage
VCC1, 2
9 ± 0.5
V
– 1 –
E98631-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA2060BS
48 pin SDIP (Plastic)
For the availability of this product, please contact the sales office.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE2641Silicon NPN Transistor Horizontal Deflection Output for High Resolution Displays & Color TVs 1 2 NTE Electronics
CXA2000QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2050SY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2061SY/C/RGB/D for NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2076QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
SFC2309-200Flip Chip TVS Diode with T-Filter for Color LCD Interface Protection 1 2 3 4 5 MoreSemtech Corporation
NTE1556Integrated Circuit VIR Signal Processor for Color TV 1 2 NTE Electronics
NTE7148Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection 1 2 3 4 5 MoreNTE Electronics
AN5192KSingle chip IC with I2C bus Interface for PAL/NTSC color TV system 1 2 3 4 5 MorePanasonic Semiconductor
LNQ70502FULL COLOR LED LAMP FOR OUTDOOR USE 1 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl