Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXA2060BS Datasheet(PDF) 6 Page - Sony Corporation

Part No. CXA2060BS
Description  Y/C/RGB/D for PAL/NTSC/SECAM Color TVs
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 6 page
background image
– 6 –
CXA2060BS
Pin
No.
Symbol
Equivalent circuit
Description
12
I REF
This pin is used to set the reference
current within the IC.
A 10k
Ω resistor (metallic film resistor)
having an error less than 1% is connected
to GND.
13
VD+
14
VD–
V sawtooth wave output.
The polarity of Pin 13 output and Pin 14
output are reversed.
147
7.2k
12
2k
13
2k
14
11
EW
V parabola wave output.
1.2k
11
10
GND1
GND for 1HDL and deflection system
circuit.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE2641Silicon NPN Transistor Horizontal Deflection Output for High Resolution Displays & Color TVs 1 2 NTE Electronics
CXA2000QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2050SY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2061SY/C/RGB/D for NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2076QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
SFC2309-200Flip Chip TVS Diode with T-Filter for Color LCD Interface Protection 1 2 3 4 5 MoreSemtech Corporation
NTE1556Integrated Circuit VIR Signal Processor for Color TV 1 2 NTE Electronics
NTE7148Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection 1 2 3 4 5 MoreNTE Electronics
AN5192KSingle chip IC with I2C bus Interface for PAL/NTSC color TV system 1 2 3 4 5 MorePanasonic Semiconductor
LNQ70502FULL COLOR LED LAMP FOR OUTDOOR USE 1 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl