Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2060BS Datasheet(PDF) 36 Page - Sony Corporation

Part # CXA2060BS
Description  Y/C/RGB/D for PAL/NTSC/SECAM Color TVs
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2060BS Datasheet(HTML) 36 Page - Sony Corporation

Back Button CXA2060BS Datasheet HTML 32Page - Sony Corporation CXA2060BS Datasheet HTML 33Page - Sony Corporation CXA2060BS Datasheet HTML 34Page - Sony Corporation CXA2060BS Datasheet HTML 35Page - Sony Corporation CXA2060BS Datasheet HTML 36Page - Sony Corporation CXA2060BS Datasheet HTML 37Page - Sony Corporation CXA2060BS Datasheet HTML 38Page - Sony Corporation CXA2060BS Datasheet HTML 39Page - Sony Corporation CXA2060BS Datasheet HTML 40Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
– 36 –
CXA2060BS
0
0
0
0
0
0
0
1
1
0
0
0
1
0
0
1
1
0
1
1
1
0
0
0
1
Bit0
Bit1
Bit2
Bit3
Bit4
Bit5
Bit6
Bit7
Sub Address
x x x 0 0 0 0 0 00 h
x x x 0 0 0 0 1 01 h
x x x 0 0 0 1 0 02 h
x x x 0 0 0 1 1 03 h
x x x 0 0 1 0 0 04 h
x x x 0 0 1 0 1 05 h
x x x 0 0 1 1 0 06 h
x x x 0 0 1 1 1 07 h
x x x 0 1 0 0 0 08 h
x x x 0 1 0 0 1 09 h
x x x 0 1 0 1 0 0A h
x x x 0 1 0 1 1 0B h
x x x 0 1 1 0 0 0C h
x x x 0 1 1 0 1 0D h
x x x 0 1 1 1 0 0E h
x x x 0 1 1 1 1 0F h
x x x 1 0 0 0 0 10 h
x x x 1 0 0 0 1 11 h
x x x 1 0 0 1 0 12 h
x x x 1 0 0 1 1 13 h
x x x 1 0 1 0 0 14 h
x x x 1 0 1 0 1 15 h
x x x 1 0 1 1 0 16 h
x x x 1 0 1 1 1 17 h
x x x 1 1 0 0 0 18 h
x x x 1 1 0 0 1 19 h
x x x 1 1 0 1 0 1A h
x x x 1 1 0 1 1 1B h
x x x 1 1 1 0 0 1C h
0
0
1
1
1
1
1
1
1
1
1
1
1
0
1
1
1
1
1
1
1
1
1
1
0
1
0
0
1
0
0
1
1
1
1
1
1
1
1
1
1
1
0
1
1
1
1
1
1
1
1
1
1
1
1
0
0
1
1
0
1
1
1
1
1
1
1
1
1
1
1
0
1
1
1
1
1
1
1
1
1
1
1
1
0
0
1
1
0
0
1
1
1
1
0
0
1
1
1
0
0
1
1
0
1
1
1
1
0
0
0
1
1
0
0
1
0
0
1
1
1
1
1
1
1
1
1
1
1
0
1
1
1
1
1
1
1
1
1
1
1
1
0
1
1
0
0
1
0
0
0
0
1
1
1
0
0
1
0
0
1
1
1
1
0
0
0
1
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
I2C Bus Power-On Initial Settings
The initial settings listed here for power-on when V drive starts to oscillate are reference values; the actual
settings may be determined as needed according to the conditions under which the set is to be used.
Register Table
"
∗": Undefined
Control Registers


Similar Part No. - CXA2060BS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2060AS SONY-CXA2060AS Datasheet
50Kb / 2P
   Achieving a Common Chassis Worldwide Y, C, and Synchronizing Signal Processing ICs
More results

Similar Description - CXA2060BS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2000Q SONY-CXA2000Q Datasheet
694Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2050S SONY-CXA2050S Datasheet
810Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2076Q SONY-CXA2076Q Datasheet
520Kb / 48P
   Y/C/RGB/D for PAL/NTSC Color TVs
CXA2061S SONY-CXA2061S Datasheet
435Kb / 44P
   Y/C/RGB/D for NTSC Color TVs
CXA1871S SONY-CXA1871S Datasheet
639Kb / 46P
   NTSC/PAL Y/C/Jungle
CXA1213AS SONY-CXA1213AS Datasheet
699Kb / 26P
   Y/C/JUNGLE IC FOR PAL/NTSC
logo
Samsung semiconductor
KA2198BD SAMSUNG-KA2198BD Datasheet
103Kb / 6P
   RGB ENCODER FOR PAL/NTSC
logo
Motorola, Inc
MC1377 MOTOROLA-MC1377 Datasheet
647Kb / 18P
   COLOR TELEVISION RGB to PAL/NTSC ENCODER
logo
Sanyo Semicon Device
LV76223A3F SANYO-LV76223A3F Datasheet
603Kb / 47P
   For PAL/NTSC/SECAM Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
   NTSC/PAL/SECAM Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com