Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EYGS121803 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EYGS121803
Description  ?쏱GS??Graphite Sheets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYGS121803 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EYGS121803 Datasheet HTML 1Page - Panasonic Semiconductor EYGS121803 Datasheet HTML 2Page - Panasonic Semiconductor EYGS121803 Datasheet HTML 3Page - Panasonic Semiconductor EYGS121803 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
– 379 –
“PGS” Graphite Sheets
✽✽ Please consult if the quantity of orders is little.
Minimum order
Item
Part No.
Type
Size
Minimum order
PGS Graphite Sheet
Only
S type
100
µm
EYGS091210
90×115 mm
20
EYGS121810
115×180 mm
10
EYGS182310
180×230 mm
10
S type
70
µm
EYGS091207
90×115 mm
20
EYGS121807
115×180 mm
10
EYGS182307
180×230 mm
10
S type
25
µm
EYGS091203
90×115 mm
20
EYGS121803
115×180 mm
10
PGS 70, 25
µm
Adhesive Type
[Standard series]
A-A type
70
µm
EYGA091207A
90×115 mm
20
EYGA121807A
115×180 mm
10
A-A type
25
µm
EYGA091203A
90×115 mm
20
EYGA121803A
115×180 mm
10
A-A type
17
µm
EYGA091202A
90×115 mm
20
EYGA121802A
115×180 mm
10
A-M type
70
µm
EYGA091207M
90×115 mm
20
EYGA121807M
115×180 mm
10
A-M type
25
µm
EYGA091203M
90×115 mm
20
EYGA121803M
115×180 mm
10
A-M type
17
µm
EYGA091202M
90×115 mm
20
EYGA121802M
115×180 mm
10
PGS 70, 25
µm
Laminated Type
(Insulation & Adhesive)
[Standard series]
A-PA type
70
µm
EYGA091207PA
90×115 mm
20
EYGA121807PA
115×180 mm
10
A-PA type
25
µm
EYGA091203PA
90×115 mm
20
EYGA121803PA
115×180 mm
10
A-PA type
17
µm
EYGA091202PA
90×115 mm
20
EYGA121802PA
115×180 mm
10
A-PM type
70
µm
EYGA091207PM
90×115 mm
20
EYGA121807PM
115×180 mm
10
A-PM type
25
µm
EYGA091203PM
90×115 mm
20
EYGA121803PM
115×180 mm
10
A-PM type
17
µm
EYGA091202PM
90×115 mm
20
EYGA121802PM
115×180 mm
10
A-DM type
70
µm
EYGA091207DM
90×115 mm
20
EYGA121807DM
115×180 mm
10
A-DM type
25
µm
EYGA091203DM
90×115 mm
20
EYGA121803DM
115×180 mm
10
A-DM type
17
µm
EYGA091202DM
90×115 mm
20
EYGA121802DM
115×180 mm
10
PGS 70, 25
µm
[High heat resistance type]
A-V type
70
µm
EYGA091207V
90×115 mm
20
EYGA121807V
115×180 mm
10
A-V type
25
µm
EYGA091203V
90×115 mm
20
EYGA121803V
115×180 mm
10
A-V type
17
µm
EYGA091202V
90×115 mm
20
EYGA121802V
115×180 mm
10
A-RV type
70
µm
EYGA091207RV
90×115 mm
20
EYGA121807RV
115×180 mm
10
A-RV type
25
µm
EYGA091203RV
90×115 mm
20
EYGA121803RV
115×180 mm
10
A-RV type
17
µm
EYGA091202RV
90×115 mm
20
EYGA121802RV
115×180 mm
10
A-KV type
70
µm
EYGA091207KV
90×115 mm
20
EYGA121807KV
115×180 mm
10
A-KV type
25
µm
EYGA091203KV
90×115 mm
20
EYGA121803KV
115×180 mm
10
A-KV type
17
µm
EYGA091202KV
90×115 mm
20
EYGA121802KV
115×180 mm
10
Feb. 2012
04


Similar Part No. - EYGS121803

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS121807 PANASONIC-EYGS121807 Datasheet
676Kb / 6P
   PGS” Graphite Sheets EYG type
01-Apr-21
More results

Similar Description - EYGS121803

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
T69-25 TGLOBAL-T69-25 Datasheet
817Kb / 2P
   T69-25 Graphite Sheets
T69-17 TGLOBAL-T69-17 Datasheet
815Kb / 2P
   T69-17 Graphite Sheets
T69-40 TGLOBAL-T69-40 Datasheet
817Kb / 2P
   T69-40 Graphite Sheets
T69-50 TGLOBAL-T69-50 Datasheet
817Kb / 2P
   T69-50 Graphite Sheets
T69-100 TGLOBAL-T69-100 Datasheet
817Kb / 2P
   T69-100 Graphite Sheets
T69-70 TGLOBAL-T69-70 Datasheet
817Kb / 2P
   T69-70 Graphite Sheets
logo
Panasonic Semiconductor
EYGS091210 PANASONIC-EYGS091210 Datasheet
676Kb / 6P
   PGS” Graphite Sheets EYG type
01-Apr-21
logo
T-Global Technology
T62 TGLOBAL-T62 Datasheet
334Kb / 1P
   T62 Natural Graphite Sheet
T68 TGLOBAL-T68 Datasheet
336Kb / 1P
   T68 Artificial Graphite Sheet
logo
TDK Electronics
IFL10M TDK-IFL10M Datasheet
143Kb / 8P
   Noise Suppression Sheets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com