Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R76PI2470XX7XX Datasheet(PDF) 4 Page - Kemet Corporation

Part # R76PI2470XX7XX
Description  POLYPROPYLENE CAPACITOR WITH DOUBLE SIDED METALLIZED FILM ELECTRODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R76PI2470XX7XX Datasheet(HTML) 4 Page - Kemet Corporation

  R76PI2470XX7XX Datasheet HTML 1Page - Kemet Corporation R76PI2470XX7XX Datasheet HTML 2Page - Kemet Corporation R76PI2470XX7XX Datasheet HTML 3Page - Kemet Corporation R76PI2470XX7XX Datasheet HTML 4Page - Kemet Corporation R76PI2470XX7XX Datasheet HTML 5Page - Kemet Corporation R76PI2470XX7XX Datasheet HTML 6Page - Kemet Corporation R76PI2470XX7XX Datasheet HTML 7Page - Kemet Corporation R76PI2470XX7XX Datasheet HTML 8Page - Kemet Corporation R76PI2470XX7XX Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
09/2008
119
R76
MMKP Series
polypRopylENE capacitoR WitH DoUBlE
SiDED MEtalliZED FilM ElEctRoDES D.c. aND
pUlSE applicatioNS
PRODUCT CODE:
R76
1 section
(630Vdc/250Vac)
double sided metallized
polyester carrier film
polypropylene film
dielectric
Rated
cap.
630Vdc/250Vac*
Std dimensions
Max
dv/dt
Max K
0
part Number
b
H
L
p
(V/µs)
(V2/µs)
680 pF
3.0 8.0 10.0
7.5
2800
353 E4
R76PD0680
--0--
820 pF
3.0 8.0 10.0
7.5
2800
353 E4
R76PD0820
--0--
1000 pF
3.0 8.0 10.0
7.5
2800
353 E4
R76PD1100
--0--
1200 pF
3.0 8.0 10.0
7.5
2800
353 E4
R76PD1120
--0--
1500 pF
3.0 8.0 10.0
7.5
2800
353 E4
R76PD1150
--0--
1800 pF
3.0 8.0 10.0
7.5
2800
353 E4
R76PD1180
--0--
2200 pF
3.0 8.0 10.0
7.5
2800
353 E4
R76PD1220
--0--
2700 pF
4.0 9.0 10.0
7.5
2800
353 E4
R76PD1270
--4--
3300 pF
4.0 9.0 10.0
7.5
2800
355 E4
R76PD1330
--4--
3900 pF
4.0 9.0 10.0
7.5
2800
353 E4
R76PD1390
--4--
4700 pF
4.0 9.0 10.0
7.5
2800
353 E4
R76PD1470
--4--
5600 pF
4.0 9.0 10.0
7.5
2800
353 E4
R76PD1560
--4--
6800 pF
5.0 10.5 10.0
7.5
2800
353 E4
R76PD1680
--4--
8200 pF
5.0 10.5 10.0
7.5
2800
353 E4
R76PD1820
--4--
0.010 µF
6.0 12.0 10.5
7.5
2800
353 E4
R76PD2100
--3--
0.012 µF
6.0 12.0 10.5
7.5
2800
353 E4
R76PD2120
--3--
Mechanical version and packaging (Table1)
Internal use
Tolerance: J (±5%); K (±10%)
All dimensions are in mm.
Note: If the working voltage (V) is lower than the rated
voltage (V
r), the capacitor may work at higher dv/dt.
In this case the maximum value allowed is obtained
multiplying the above value (see table dv/dt) with the
ratio V
r /V.
The pulse characteristic K
0 depends on the voltage
wave-form and in any case it cannot overcome the
value given in the above table. The dv/dt test is
carried out at 2 times the above values.
*Not suitable for across-the-line applications.
Please refer to Interference Suppression Capacitors (page145)


Similar Part No. - R76PI2470XX7XX

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R76PI24704030J KEMET-R76PI24704030J Datasheet
56Kb / 1P
   Capacitor, film, 0.047 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=15 mm
R76PI24705050J KEMET-R76PI24705050J Datasheet
51Kb / 1P
   R76, Film, Double Metallized Polypropylene, Automotive Grade, 0.047 uF, 5%, 630 VDC, 85째C, Lead Spacing = 15mm
More results

Similar Description - R76PI2470XX7XX

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
105MHBA06K2H ILLINOISCAPACITOR-105MHBA06K2H Datasheet
271Kb / 7P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G Datasheet
402Kb / 9P
   Radial Leaded Polypropylene Film Capacitors with Double Sided Metallized Electrodes
logo
Surge Components
C82 SURGE-C82 Datasheet
6Mb / 16P
   Double sided metallized polypropylene structure
C84 SURGE-C84 Datasheet
2Mb / 13P
   Double sided metallized polypropylene structure
logo
jb Capacitors Company
JFQ JBCAPACITORS-JFQ Datasheet
810Kb / 7P
   Box Type Double Sided Met Polypropylene Film Capacitor
logo
List of Unclassifed Man...
PHE428 ETC1-PHE428 Datasheet
82Kb / 6P
   Double metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com