Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXA2050S Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXA2050S
Description  Y/C/RGB/D for PAL/NTSC Color TVs
Download  48 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 4 page
background image
– 4 –
CXA2050S
Pin Description
Pin
No.
Symbol
Equivalent circuit
Description
1
SVCC1
Power supply for Y/C block.
2
APCFIL
CR connection for the chroma APC lag-
lead filter.
1.2k
4.6V
1.2k
2
3
X443
Connect a 4.433619MHz crystal oscillator.
200µA
4k
500
3
4
X358
Connect a 3.579545MHz crystal oscillator.
200µA
4k
500
4
5
TEST
Test pin.
Outputs a 0 to 3V V-SYNC SEP with
positive polarity. If not used, leave this
pin open.
15k
1k
5
6
FSCOUT
Subcarrier output.
Output level: 5.2VDC, 0.4Vp-p
280µA
1.2k
147
6




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE2641Silicon NPN Transistor Horizontal Deflection Output for High Resolution Displays & Color TVs 1 2 NTE Electronics
CXA2000QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2060BSY/C/RGB/D for PAL/NTSC/SECAM Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2061SY/C/RGB/D for NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
CXA2076QY/C/RGB/D for PAL/NTSC Color TVs 1 2 3 4 5 MoreSony Corporation
SFC2309-200Flip Chip TVS Diode with T-Filter for Color LCD Interface Protection 1 2 3 4 5 MoreSemtech Corporation
NTE1556Integrated Circuit VIR Signal Processor for Color TV 1 2 NTE Electronics
NTE7148Integrated Circuit Color TV Single-Chip Signal Processor for NTSC Systems PLL Detection 1 2 3 4 5 MoreNTE Electronics
AN5192KSingle chip IC with I2C bus Interface for PAL/NTSC color TV system 1 2 3 4 5 MorePanasonic Semiconductor
LNQ70502FULL COLOR LED LAMP FOR OUTDOOR USE 1 Panasonic Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl