Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2039M Datasheet(PDF) 6 Page - Sony Corporation

Part # CXA2039M
Description  Base Band Hue/Color Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2039M Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXA2039M Datasheet HTML 2Page - Sony Corporation CXA2039M Datasheet HTML 3Page - Sony Corporation CXA2039M Datasheet HTML 4Page - Sony Corporation CXA2039M Datasheet HTML 5Page - Sony Corporation CXA2039M Datasheet HTML 6Page - Sony Corporation CXA2039M Datasheet HTML 7Page - Sony Corporation CXA2039M Datasheet HTML 8Page - Sony Corporation CXA2039M Datasheet HTML 9Page - Sony Corporation CXA2039M Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
11
24
12
12
8
9
9
10
10
9
9
10
10
9
10
8
9
10
12
– 6 –
CXA2039M
Electrical Characteristics
Setting conditions
• Ta = 25°CVCC = 9V
• Set initially to: YUV SW = 0V, LEVEL = 0V, DLY SW = 0V, COLOR = 4.5V, HUE = 4.5V, Y SW = 0V.
(when inputting the signals from Y2 IN, RY2 IN and BY2 IN)
Symbol
ICC
VTV1
VTV2
VY
VRY1
VRY2
VBY1
VBY2
Cmax.
Cmin.
Hmax.
Hmin.
RYDLY
BYDLY
fY
fRY
fBY
fTV
Mea-
sure-
ment
pin
Input signal
Measurement conditions
and contents
Vcc pin inflow current
I/O gain
I/O gain
I/O gain
I/O gain
Set the output when COLOR =
4.5V to 0dB and measure the
output when COLOR = 9V.
Set the output when COLOR =
4.5V to 0dB and measure the
output when COLOR = 0 V.
tan–1 =
when HUE = 9V
tan–1 =
when HUE = 0V
DLY SW = 3V.
Measure the I/O delay.
DLY SW = 3V.
Measure the I/O delay.
Y SW = 3V.
Measure the 200kHz gain with
respect to 5MHz.
Item
Current
consumption
TV OUT
output gain
TV OUT
output gain
Y OUT
output gain
RY OUT
output gain
RY OUT
output gain
BY OUT
output gain
BY OUT
output gain
Color variable
range 1
Color variable
range 2
Hue variable
range 1
Hue variable
range 2
RY OUT
Delay
BY OUT
Delay
Y OUT
frequency
response
RY OUT
frequency
response
BY OUT
frequency
response
TV OUT
frequency
response
14
–7.0
–1.0
–7.0
–7.0
–6.6
–4.7
–4.3
5.3
40
530
530
–1.0
–6.0
–8.0
–1.0
19
–6.2
0
–6.2
–5.3
–4.7
–3.1
–2.3
6.1
–40
48
–48
600
600
0
–3.5
–5.0
0
Max.
Typ.
Min.
24
–5.0
1.0
–5.0
–4.0
–4.0
–1.7
–1.3
6.8
–30
–40
680
680
1.0
0
–1.0
1.0
Unit
mA
dB
dB
dB
dB
dB
dB
dB
dB
dB
Deg.
Deg.
ns
ns
dB
dB
dB
dB
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
1.4Vp-p
200kHz, 5MHz
Y signal
200kHz, 5MHz
1.4Vp-p
R-Y and
B-Y signal
0.7Vp-p
B-Y = 0.7Vp-p
R-Y = 0.5Vp-p
Y: 1.4Vp-p
R-Y, B-Y: 0.7Vp-p
Gain SW = Low MODE
LEVEL
≤ 6V
Gain SW = High MODE
LEVEL
≥ 6.8V
Gain SW = Low MODE
LEVEL
≤ 6V
Gain SW = High MODE
LEVEL
≥ 6.8V
Gain SW = Low MODE
LEVEL
≤ 6V
Gain SW = High MODE
LEVEL
≥ 6.8V
Output level during
RY signal input only
Output level during
BY signal input only
Output level during
RY signal input only
Output level during
BY signal input only


Similar Part No. - CXA2039M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2032Q SONY-CXA2032Q Datasheet
323Kb / 20P
   2-channel REC/PB Amplifier for 8 mm VTR
CXA2038R SONY-CXA2038R Datasheet
472Kb / 28P
   AFM Monaural Signal Processor for 8 mm VCR
More results

Similar Description - CXA2039M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2255 NJRC-NJM2255 Datasheet
194Kb / 5P
   CHROMA SIGNAL HUE TINT CONTROLLER
logo
Fairchild Semiconductor
1N4736AT FAIRCHILD-1N4736AT Datasheet
56Kb / 5P
   COLOR BAND DENOTES CATHODE
logo
Sony Corporation
CXD2932AGA-2 SONY-CXD2932AGA-2 Datasheet
177Kb / 19P
   GPS Base Band LSI
logo
New Japan Radio
NJW2303 NJRC-NJW2303 Datasheet
195Kb / 5P
   BASE BAND INTERFACE IC
logo
New Jersey Semi-Conduct...
G105C NJSEMI-G105C Datasheet
80Kb / 1P
   Color band denotes cathode end
logo
STMicroelectronics
STA680 STMICROELECTRONICS-STA680 Datasheet
587Kb / 43P
   HD Radio base-band receiver
STV2180A STMICROELECTRONICS-STV2180A Datasheet
57Kb / 6P
   BASE BAND CHROMA DELAY LINE
logo
SHANGHAI BELLING CO., L...
BL50436 BELLING-BL50436 Datasheet
56Kb / 2P
   Color TV Remote Control System
logo
Asahi Kasei Microsystem...
AK2368 AKM-AK2368 Datasheet
800Kb / 25P
   BASE-BAND LSI FOR CORDLESS TELEPHONES
logo
List of Unclassifed Man...
APA102C ETC1-APA102C Datasheet
880Kb / 5P
   rgb full color led control ic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com