Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS51221EDR16 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS51221EDR16
Description  Enhanced Voltage Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51221EDR16 Datasheet(HTML) 3 Page - ON Semiconductor

  CS51221EDR16 Datasheet HTML 1Page - ON Semiconductor CS51221EDR16 Datasheet HTML 2Page - ON Semiconductor CS51221EDR16 Datasheet HTML 3Page - ON Semiconductor CS51221EDR16 Datasheet HTML 4Page - ON Semiconductor CS51221EDR16 Datasheet HTML 5Page - ON Semiconductor CS51221EDR16 Datasheet HTML 6Page - ON Semiconductor CS51221EDR16 Datasheet HTML 7Page - ON Semiconductor CS51221EDR16 Datasheet HTML 8Page - ON Semiconductor CS51221EDR16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CS51221
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Value
Unit
Operating Junction Temperature, TJ
Internally
Limited
Lead Temperature Soldering:
Reflow: (SMD styles only) (Note 1)
230 peak
°C
Storage Temperature Range, TS
−65 to +150
°C
ESD (Human Body Model)
2.0
kV
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. 60 second maximum above 183
°C.
MAXIMUM RATINGS
Pin Name
Pin Symbol
VMAX
VMIN
ISOURCE
ISINK
Gate Drive Output
GATE
15 V
−0.3 V
1.0 A Peak, 200 mA DC
1.0 A Peak, 200 mA DC
Current Sense Input
ISENSE
6.0 V
−0.3 V
1.0 mA
1.0 mA
Timing Resistor/Capacitor
RTCT
6.0 V
−0.3 V
1.0 mA
10 mA
Feed Forward
FF
6.0 V
−0.3 V
1.0 mA
25 mA
Error Amp Output
COMP
6.0 V
−0.3 V
10 mA
20 mA
Feedback Voltage
VFB
6.0 V
−0.3 V
1.0 mA
1.0 mA
Sync Input
SYNC
6.0 V
−0.3 V
10 mA
10 mA
Undervoltage
UV
6.0 V
−0.3 V
1.0 mA
1.0 mA
Overvoltage
OV
6.0 V
−0.3 V
1.0 mA
1.0 mA
Current Set
ISET
6.0 V
−0.3 V
1.0 mA
1.0 mA
Soft−Start
SS
6.0 V
−0.3 V
1.0 mA
10 mA
Logic Section Supply
VCC
15 V
−0.3 V
10 mA
50 mA
Power Section Supply
VC
15 V
−0.3 V
10 mA
1.0 A Peak, 200 mA DC
Reference Voltage
VREF
6.0 V
−0.3 V
lnternally Limited
10 mA
Power Ground
PGND
N/A
N/A
1.0 A Peak, 200 mA DC
N/A
Logic Ground
LGND
N/A
N/A
N/A
N/A
ELECTRICAL CHARACTERISTICS (−40
°C < TA < 85°C; −40°C < TJ < 125°C; 3.0 V < VC < 15 V; 4.7 V < VCC < 15 V;
RT = 12 k; CT = 390 pF; unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Start/Stop Voltages
Start Threshold
4.4
4.6
4.7
V
Stop Threshold
3.2
3.8
4.1
V
Hysteresis
Start−Stop
400
850
1400
mV
ICC @ Startup
VCC < UVL Start Threshold
38
75
mA
Supply Current
ICC Operating
9.5
14
mA
IC Operating
1.0 nF Load on GATE
12
18
mA
IC Operating
No Switching
2.0
4.0
mA


Similar Part No. - CS51221EDR16

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS51221EDR16 CHERRY-CS51221EDR16 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51221EDR16 ONSEMI-CS51221EDR16 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221EDR16 ONSEMI-CS51221EDR16 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221EDR16G ONSEMI-CS51221EDR16G Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221EDR16G ONSEMI-CS51221EDR16G Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
More results

Similar Description - CS51221EDR16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
   Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com