Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-60H-C350 Datasheet(PDF) 1 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-60H-C350
Description  70W Single Output LED Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-60H-C350 Datasheet(HTML) 1 Page - Mean Well Enterprises Co., Ltd.

  HLG-60H-C350 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-60H-C350 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-60H-C350 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-60H-C350 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-60H-C350 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-60H-C350 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPECIFICATION
MODEL
RATEDCURRENT
RATEDPOWER
OUTPUT
CURRENT ADJ.RANGE
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
Note.2
FREQUENCY RANGE
POWERFACTOR (Typ.)
EFFICIENCY (Typ.)
ACCURRENT (Typ.)
INPUT
INRUSHCURRENT(
.)
Typ
LEAKAGECURRENT
SAFETY STANDARDS Note.3
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERTEMPERATURE
OVERVOLTAGE
Canbeadjusted byinternalpotentiometerorthroughoutputcable
16ms atfullload230VAC/115VAC
1500ms,80ms/115VACatfullload1000ms,80ms/230VACatfullload
90~305VAC127VDC~431VDC
47~63Hz
0.69A /115VAC0.35A /230VAC0.29A /277VAC
COLDSTART 70A /230VAC
<0.75mA /277VAC
-40~+70
(Referto"DeratingCurve")
¢J
10~95%RH non-condensing
-40~+80
,10~95%RH
¢J
¡Ó
¢J
¢J
0.03%/
(0~50
)
10~500Hz,5G12min./1cycle,periodfor72min.eachalongX, Y,Zaxes
338Khrsmin.MIL-HDBK-217F(25
)
¢J
171*61.5*36.8mm(L*W*H)
RIPPLECURRENT
RIPPLE&NOISE
Note.7
ENVIRONMENT
SAFETY &
EMC
PROTECTION
85
10
(RTH2)
¢J¡Ó ¢J
230~250V
Protectiontype: Shutdowno/pvoltage,re-powerontorecover
Protectiontype:Shutdowno/pvoltagewithauto-recoveryorre-powerontorecovery
SHORTCIRCUIT
91%
PF>0.98/115VAC,PF>0.96/230VAC,PF>0.94/277VACatfullload(Pleasereferto"PowerFactorCharacteristic"curve)
HLG-60H-C350
HLG-60H-C700
¡Ó5%
1V
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25
of ambient temperature.
2. Derating may be needed under low input voltages. Please check the static characteristics for more details.
3. Safety and EMC design refer to EN60598-1, CNS15233, GB7000.1.
4. The power supply is considered as a component that will be operated in combination with final equipment. Since EMC performance will be affected by the
complete installation, the final equipment manufacturers must re-qualify EMC Directive on the complete installation again.
5. Refer to warranty statement.
6. Constant current operation region is within 50% ~100% rated output voltage. This is the suitable operation region for LED related applications, but please
reconfirm special electrical requirements for some specific system design.
7. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 2.2uf parallel capacitor.
¢J
CompliancetoEN61000-4-2,3,4,5,6,8,11,EN61547,heavyindustrylevel(surgeL,N-FG:4KV),criteria A
UL8750,CSA C22.2No.250.0-08,EN61347-1,EN61347-2-13independent,IP65orIP67 approved
Hiccupmode,recoversautomaticallyafterfaultconditionisremoved
210~350mA
420~700mA
350mA
70W
100~200V
0.73Kg;20pcs/15.6Kg/0.8CUFT
I/P-O/P:3.75KVACI/P-FG:2KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC/25
/70%RH
¢J
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
91%
120~140V
700mA
70W
0.5V
50~100V
¡½ Features :
A : IP65 rated. Constant current level can be adjusted through internal potentiometer.
B : IP67 rated. Constant current level adjustable through output cable with 1~10Vdc or 10V PWM signal or resistance.
D (option) : IP67 rated. Timer dimming function, contact MEAN WELL for details.
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
¡E
Constant current design
Universal AC input / Full range (up to 305VAC)
Built-in active PFC function
Protections: Short circuit / Over voltage / Over temperature
Cooling by free air convection
Output current adjustable through output cable or internal potentiometer
IP67 / IP65 design for indoor or outdoor installations
Three in one dimming function (1~10Vdc or 10V PWM signal or resistance)
Suitable for dry / damp / wet locations
High efficiency up to 91%
HLG-60H-C350 A
70WSingleOutputLEDPowerSupply
H L G - 6 0 H - C series
FileName:HLG-60H-C-SPEC 2012-05-25
EMCIMMUNITY
EMCEMISSION
CURRENT ACCURACY
¡Ó5.0%
Complianceto EN55015,EN61000-3-2ClassC(
60%load);EN61000-3-3
¡Ù
CONSTANTCURRENTREGION Note.6
F
M
M
110
IP65 IP67
MeanWell Direct Tel: +44 (0)118 970 3858 E-mail: sales@meanwelldirect.co.uk


Similar Part No. - HLG-60H-C350

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-60H-15 MEANWELL-HLG-60H-15 Datasheet
417Kb / 7P
   60W Single Output Switching Power Supply
HLG-60H-15 MEANWELL-HLG-60H-15 Datasheet
386Kb / 6P
   60W Single Output Switching Power Supply
HLG-60H-15 MEANWELL-HLG-60H-15 Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLG-60H-15A MEANWELL-HLG-60H-15A Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
HLG-60H-15B MEANWELL-HLG-60H-15B Datasheet
403Kb / 6P
   60W Single Output Switching Power Supply
More results

Similar Description - HLG-60H-C350

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HSG-70 MEANWELL-HSG-70 Datasheet
170Kb / 3P
   70W Single Output Switching Power Supply
ELG-150-C MEANWELL-ELG-150-C Datasheet
177Kb / 8P
   150W Single Output LED Power Supply
GSC25B MEANWELL-GSC25B Datasheet
107Kb / 4P
   25W Single Output LED Power Supply
LPC-100 MEANWELL-LPC-100 Datasheet
73Kb / 2P
   100W Single Output LED Power Supply
PLN-45-12 MEANWELL-PLN-45-12 Datasheet
190Kb / 2P
   45W Single Output LED Power Supply
PLC-45 MEANWELL-PLC-45 Datasheet
144Kb / 3P
   45W Single Output LED Power Supply
PLN-30 MEANWELL-PLN-30_11 Datasheet
200Kb / 3P
   30W Single Output LED Power Supply
PLP-30 MEANWELL-PLP-30_11 Datasheet
330Kb / 3P
   30W Single Output LED Power Supply
HLG-120H-C MEANWELL-HLG-120H-C Datasheet
406Kb / 6P
   150W Single Output LED Power Supply
PLC-30 MEANWELL-PLC-30_12 Datasheet
245Kb / 3P
   30W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com