Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2027Q Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA2027Q
Description  Analog signal processor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2027Q Datasheet(HTML) 1 Page - Sony Corporation

  CXA2027Q Datasheet HTML 1Page - Sony Corporation CXA2027Q Datasheet HTML 2Page - Sony Corporation CXA2027Q Datasheet HTML 3Page - Sony Corporation CXA2027Q Datasheet HTML 4Page - Sony Corporation CXA2027Q Datasheet HTML 5Page - Sony Corporation CXA2027Q Datasheet HTML 6Page - Sony Corporation CXA2027Q Datasheet HTML 7Page - Sony Corporation CXA2027Q Datasheet HTML 8Page - Sony Corporation CXA2027Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Description
The CXA2027Q is an analog signal processor for
CCD linear image sensor output signal. This device
is suitable for 3 lines of full-color CCD linear image
sensor (ILX516K/ILX518K/ILX520K: 3648 pixels
×
3 lines/5363 pixels
× 3 lines/7078 pixels × 3 lines).
This device has a built-in sample-and-hold, clamp,
multiplex, gain control amplifier circuits and can be
connected directly with external AD converters.
(Sony’s CXD2311AR, CXD1175AM or CXA1977R
are recommended as AD converters.)
Features
• Sample-and-hold circuit
• Pixel-clamp and line-clamp circuit
• Multiplex circuit
• ADC driver circuit
• Gain control amplifier circuit
• Offset control circuit
• Clock frequency: 1.5 to 6MHz (after multiplex)
Applications
Color image scanner
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings
• Supply voltage
VCC
–0.3 to 7
V
• Input voltage
VI
–0.3 to VCC + 0.3
V
• Output voltage
VO
–0.3 to VCC + 0.3
V
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD
640
mW
Operating Conditions (Typ. in parentheses)
• Supply voltage
VCC 4.75 to 5.25 (5.0) V
• Digital input voltage High VIH
3.5 to VCC (VCC)V
• Digital input voltage Low VIL
0 to 0.8 (0)
V
• Operating temperature
Topr
0 to +70
°C
– 1 –
CXA2027Q
E95210A78
Analog signal processor IC
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
48 pin QFP (Plastic)
For the availability of this product, please contact the sales office.


Similar Part No. - CXA2027Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2020M SONY-CXA2020M Datasheet
247Kb / 18P
   EIAJ Sound Multiplexing Decoder
CXA2020S SONY-CXA2020S Datasheet
247Kb / 18P
   EIAJ Sound Multiplexing Decoder
CXA2021 SONY-CXA2021 Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
CXA2022 SONY-CXA2022 Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
More results

Similar Description - CXA2027Q

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
   Monolithic Linear IC Analog Signal Processor for CD Players
logo
List of Unclassifed Man...
GP520A ETC-GP520A Datasheet
146Kb / 10P
   Programmable Analog Signal Processor
logo
Holtek Semiconductor In...
HT82V42 HOLTEK-HT82V42 Datasheet
423Kb / 24P
   CIS Analog Signal Processor
logo
STMicroelectronics
STV0502 STMICROELECTRONICS-STV0502 Datasheet
158Kb / 15P
   CCD SENSORS ANALOG PROCESSOR IC
logo
ON Semiconductor
LC786821E ONSEMI-LC786821E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
LC786820E ONSEMI-LC786820E Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
June 2016 - Rev. 1
logo
Panasonic Semiconductor
AN5337K PANASONIC-AN5337K Datasheet
211Kb / 21P
   NTSC Video Signal Processor IC
AN5304NK PANASONIC-AN5304NK Datasheet
484Kb / 6P
   NTSC VIDEO SIGNAL PROCESSOR IC
logo
ON Semiconductor
LC786820E ONSEMI-LC786820E_16 Datasheet
543Kb / 35P
   Compressed Audio Signal Processor IC
November 2016 - Rev. 2
LC786800E ONSEMI-LC786800E Datasheet
215Kb / 26P
   Compressed Audio signal Processor IC
Sep 2013 Ver. 1.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com