Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE840ED6390MD14R06L2 Datasheet(PDF) 2 Page - Kemet Corporation

Part # PHE840ED6390MD14R06L2
Description  EMI suppressor, class X2, metallized polypropylene
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE840ED6390MD14R06L2 Datasheet(HTML) 2 Page - Kemet Corporation

  PHE840ED6390MD14R06L2 Datasheet HTML 1Page - Kemet Corporation PHE840ED6390MD14R06L2 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
appRoVaLs
certification Body
specification
ENEC
EN/IEC 60384-14:2005
UL
UL 1283
UL 1414
(U
R = 250 VAC)
cUL recognition
C 22.2 No. 8
C 22.2 No. 1
oRdERing inFoRmation
maRKing
• RIFA
• RIFA article code
• Rated capacitance
• Capacitance tolerance code
• Rated voltage
• X2
• Approval marks
• Manufacturing date code
• IEC climatic category
• Passive flammability class
The article code for the standard part is given in the article table.
For other options, see page 11.
PhE840E
aRtiCLE taBLE
capaci- Box max dimensions
max
tance
code in mm
f
o
du/dt article code
µf
B
h
l
mhz v/µs
capaci- Box max dimensions
max
tance
code in mm
f
o
du/dt article code
µf
B
h
l
mhz v/µs
lEad sPacinG 10 mm
0.010 A01
4.0
9.0 13.0
11 100 PHE840EA5100MA01R17
0.012 A01
4.0
9.0 13.0
10 100 PHE840EA5120MA01R17
0.015 A01
4.0
9.0 13.0
9.4 100 PHE840EA5150MA01R17
0.018 A01
4.0
9.0 13.0
8.9 100 PHE840EA5180MA01R17
0.022 A01
4.0
9.0 13.0
8.6 100 PHE840EA5220MA01R17
0.027 A02
4.5 10.5 13.0
8.1 100 PHE840EA5270MA02R17
0.033 A02
4.5 10.5 13.0
7.6 100 PHE840EA5330MA02R17
0.039 A03
5.0 11.0 13.0
6.6 100 PHE840EA5390MA03R17
0.047 A03
5.0 11.0 13.0
6.1 100 PHE840EA5470MA03R17
0.056 A04
6.0 12.0 13.0
5.6 100 PHE840EA5560MA04R17
0.068 A04
6.0 12.0 13.0
5.0 100 PHE840EA5680MA04R17
lEad sPacinG 15 mm
0.033 B04
5.5 10.5 18.0
5.9 100 PHE840EB5330MB04R17
0.039 B04
5.5 10.5 18.0
5.4 100 PHE840EB5390MB04R17
0.047 B04
5.5 10.5 18.0
5.0 100 PHE840EB5470MB04R17
0.056 B04
5.5 10.5 18.0
4.6 100 PHE840EB5560MB04R17
0.068 B04
5.5 10.5 18.0
4.2 100 PHE840EB5680MB04R17
0.082 B05
5.5 12.5 18.0
3.9 100 PHE840EB5820MB05R17
0.10
B05
5.5 12.5 18.0
3.7 100 PHE840EB6100MB05R17
0.12
B10
6.5 12.5 18.0
3.3 100 PHE840EB6120MB10R17
0.15
B10
6.5 12.5 18.0
2.8 100 PHE840EB6150MB10R17
0.18
B06
7.5 14.5 18.0
2.7 100 PHE840EB6180MB06R17
0.22
B06
7.5 14.5 18.0
2.6 100 PHE840EX6220MB06R17 *
0.22
B17 13.0 12.5 18.0
2.5 100 PHE840EQ6220MB17R17
0.22
B12
8.0 15.0 18.0
2.5 100 PHE840EB6220MB12R17
0.27
B11
8.5 16.5 18.0
2.3 100 PHE840EB6270MB11R17
0.33
B11
8.5 16.5 18.0
2.2 100 PHE840EX6330MB11R17*
0.33
B17 13.0 12.5 18.0
2.2 100 PHE840EH6330MB17R17
0.33
B14
9.5 17.5 18.0
2.0 100 PHE840EB6330MB14R17
0.39
B16 11.0 19.0 18.0
1.9 100 PHE840EB6390MB16R17
0.47
B16 11.0 19.0 18.0
1.8 100 PHE840EB6470MB16R17
lEad sPacinG 22.5 mm
0.22
D13
6.5 14.5 26.0
2.1 100 PHE840ED6220MD13R06L2
0.27
D17
7.0 16.5 26.0
1.9 100 PHE840ED6270MD17R06L2
0.33
D17
7.0 16.5 26.0
1.8 100 PHE840ED6330MD17R06L2
0.39
D14
8.0 16.0 26.0
1.7 100 PHE840ED6390MD14R06L2
0.47
D14
8.0 16.0 26.0
1.6 100 PHE840EY6470MD14R06L2*
0.47
D15
9.0 18.5 26.0
1.5 100 PHE840ED6470MD15R06L2
lEad sPacinG 22.5 mm
0.56
D15
9.0 18.5 26.0
1.4 100 PHE840ED6560MD15R06L2
0.68
D15
9.0 18.5 26.0
1.3 100 PHE840EY6680MD15R06L2*
0.68
D18 10.5 19.0 26.0
1.2 100 PHE840ED6680MD18R06L2
0.82
D16 11.0 21.5 26.0
1.1 100 PHE840ED6820MD16R06L2
1.0
D16 11.0 21.5 26.0
1.1 100 PHE840EY7100MD16R06L2*
1.0
D20 13.5 23.0 26.0
1.0 100 PHE840ED7100MD20R06L2
1.2
D19 15.5 24.5 26.0 0.90 100 PHE840ED7120MD19R06L2
1.5
D19 15.5 24.5 26.0 0.85 100 PHE840ED7150MD19R06L2
lEad sPacinG 27.5 mm
0.82
F11 10.5 20.5 31.5
1.0 100 PHE840EF6820MF11R06L2
1.0
F11 10.5 20.5 31.5
1.0 100 PHE840EZ7100MF11R06L2*
1.0
F12 11.5 22.5 31.5 0.95 100 PHE840EF7100MF12R06L2
1.0
F17 21.0 12.5 31.5 0.95 100 PHE840ET7100MF17R06L2
1.2
F03 13.5 23.0 31.5 0.82 100 PHE840EF7120MF03R06L2
1.5
F13 14.5 24.5 31.5 0.73 100 PHE840EF7150MF13R06L2
1.8
F14 17.5 28.0 31.5 0.65 100 PHE840EF7180MF14R06L2
2.2
F14 17.5 28.0 31.5 0.64 100 PHE840EZ7220MF14R06L2*
2.2
F15 19.0 29.0 31.5 0.62 100 PHE840EF7220MF15R06L2
2.2
F19 27.5 16.0 31.5 0.62 100 PHE840ET7220MF19R06L2
2.7
F15 19.0 29.0 31.5 0.58 100 PHE840EF7270MF15R06L2
3.3
F15 19.0 29.0 31.5 0.54 100 PHE840EZ7330MF15R06L2*
3.3
F16 21.0 30.0 31.5 0.50 100 PHE840EF7330MF16R06L2
3.3
F18 31.0 19.0 31.5 0.50 100 PHE840ET7330MF18R06L2
lEad sPacinG 37.5 mm
1.8
R05 13.0 24.0 41.0 0.60 100 PHE840ER7180MR05R06L2
2.2
R05 13.0 24.0 41.0 0.58 100 PHE840ER7220MR05R06L2
2.7
R04 15.0 26.0 41.0 0.53 100 PHE840ER7270MR04R06L2
3.3
R04 15.0 26.0 41.0 0.49 100 PHE840ER7330MR04R06L2
3.9
R02 16.5 32.0 41.0 0.46 100 PHE840ER7390MR02R06L2
4.7
R03 19.0 36.0 41.0 0.44 100 PHE840ER7470MR03R06L2
5.6
R06 21.0 38.0 41.0 0.41 100 PHE840ER7560MR06R06L2
6.8
R06 21.0 38.0 41.0 0.39 100 PHE840ER7680MR06R06L2
8.2
R08 28.0 43.0 41.0 0.30 100 PHE840ER7820MR08R06L2
10
R08 28.0 43.0 41.0 0.26 100 PHE840ER8100MR08R06L2
* Only ± 20% tolerance
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute –
and we specifically disclaim – any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who
have the requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise
provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - PHE840ED6390MD14R06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE840E ETC2-PHE840E Datasheet
361Kb / 3P
   EMI suppressor, class X2, metallized polypropylene(0.01-10 uF, 300 VAC, 105C)
logo
Kemet Corporation
PHE840EB6100KB05R17 KEMET-PHE840EB6100KB05R17 Datasheet
37Kb / 1P
   Capacitor, film
More results

Similar Description - PHE840ED6390MD14R06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE840MK5100MK01R17 KEMET-PHE840MK5100MK01R17 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
logo
List of Unclassifed Man...
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PHE844 ETC-PHE844 Datasheet
48Kb / 2P
   EMI suppressor, class X1, metallized polypropylene
logo
Kemet Corporation
PHE850 KEMET-PHE850 Datasheet
199Kb / 2P
   EMI suppressor, class Y2, metallized polypropylene
logo
List of Unclassifed Man...
PHE840E ETC2-PHE840E Datasheet
361Kb / 3P
   EMI suppressor, class X2, metallized polypropylene(0.01-10 uF, 300 VAC, 105C)
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Illinois Capacitor, Inc...
472MKP275K ILLINOISCAPACITOR-472MKP275K Datasheet
399Kb / 3P
   Class X2 Radial Lead Metallized Polypropylene Capacitors
logo
Kemet Corporation
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
   Metallized Polypropylene Film, Class X2, 310 VAC
logo
List of Unclassifed Man...
PHE843 ETC2-PHE843 Datasheet
50Kb / 2P
   EMI suppressor, class X2, metallized polypropylene 0.01-6.8 uF, 275/280 VAC, 105C For replacement, see PHE840M
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com