Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE840ED6390MD14R06L2 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PHE840ED6390MD14R06L2
Description  EMI suppressor, class X2, metallized polypropylene
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE840ED6390MD14R06L2 Datasheet(HTML) 1 Page - Kemet Corporation

  PHE840ED6390MD14R06L2 Datasheet HTML 1Page - Kemet Corporation PHE840ED6390MD14R06L2 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4
RoHS
Compliant
rated voltage
300 VAC 50/60 Hz
capacitance range
0.01 – 10 µF
capacitance tolerance
± 20% standard, ± 10% option
temperature range
–55 to +105°C
climatic category
55/105/56/B
approvals
ENEC, UL, cUL
related to rated voltage and climatic category
dissipation factor tan
δ
Maximum values at +23°C
C
≤ 0.1 µF 0.1µF < C ≤ 1 µF
C > 1 µF
1 kHz
0.1%
0.1%
0.1%
10 kHz
0.2%
0.4%
0.8%
100 kHz
0.6%
test voltage between
The 100% screening factory test is carried out at
terminals
2200 VDC. The voltage level is selected to meet the
requirements in applicable equipment standards. All
electrical characteristics are checked after the test.
resonance frequency
Tabulated self-resonance frequencies f
0 refer to
5 mm lead length.
insulation resistance
C
≤ 0.33 µF: ≥ 30 000 M
C > 0.33 µF: ≥ 10 000
ΩF
in dc applications
Recommended voltage
≤ 760 VDC
pHE840E
• Emi suppressor, class x2, metallized polypropylene
• 0.01 – 10 µf, 300 vac, +105°c
• new improved design: small dimensions including low profile capacitors
tYpiCaL appLiCations
ConstRuCtion
tECHniCaL data
For worldwide use as electromagnetic
interference suppressor in all X2 and
across-the-line applications.
encapsulated in self-extinguishing material
meeting the requirements of UL 94 V–0.
EnViRonmEntaL tEst data
Endurance
EN/IEC 60384-14:2005
1.25 x U
R VAC 50 Hz, once every hour
increased to 1000 VAC for 0.1 s,
1000 h at upper rated temperature
vibration
IEC 60068–2–6
3 directions at 2 hours each,
No visible damage
Test Fc
10–55 Hz at 0.75 mm or 98 m/s2
No open or short circuit
Bump
IEC 60068–2–29
1000 bumps at
No visible damage
Test Eb
390 m/s2
No open or short circuit
change of temperature IEC 60068–2–14
Upper and lower rated
No visible damage
Test Na
temperature 5 cycles
active flammability
EN/IEC 60384-14:2005
Passive flammability
EN/IEC 60384-14:2005
Enclosure material of
UL1414
UL94V–0 flammability class
humidity
IEC 60068-2-3
+40°C and
56 days
Test Ca
90 – 95% R.H.
P
d
std l
max l
b
10.0 ± 0.4
0.6
17
30
±0.4
15.0 ± 0.4
0.8
17
30
±0.4
22.5 ± 0.4
0.8
6
30
±0.4
27.5 ± 0.4
0.8
6
30
±0.4
37.5 ± 0.5
1.0
6
30
±0.7
Tolerance in lead length
< 30 mm
mm
30 mm
mm
+0
–1
+5
–0
L
H
B
p
l
∅ d
0.5
b
Not for use in series with the mains.
See www.kemet.com for more information.
Metallized polypropylene winding,


Similar Part No. - PHE840ED6390MD14R06L2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PHE840E ETC2-PHE840E Datasheet
361Kb / 3P
   EMI suppressor, class X2, metallized polypropylene(0.01-10 uF, 300 VAC, 105C)
logo
Kemet Corporation
PHE840EB6100KB05R17 KEMET-PHE840EB6100KB05R17 Datasheet
37Kb / 1P
   Capacitor, film
More results

Similar Description - PHE840ED6390MD14R06L2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE840MK5100MK01R17 KEMET-PHE840MK5100MK01R17 Datasheet
192Kb / 2P
   EMI suppressor, class X2, metallized polypropylene
logo
List of Unclassifed Man...
PME264 ETC1-PME264 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PME285 ETC2-PME285 Datasheet
49Kb / 2P
   EMI suppressor, class X2, metallized paper
PHE844 ETC-PHE844 Datasheet
48Kb / 2P
   EMI suppressor, class X1, metallized polypropylene
logo
Kemet Corporation
PHE850 KEMET-PHE850 Datasheet
199Kb / 2P
   EMI suppressor, class Y2, metallized polypropylene
logo
List of Unclassifed Man...
PHE840E ETC2-PHE840E Datasheet
361Kb / 3P
   EMI suppressor, class X2, metallized polypropylene(0.01-10 uF, 300 VAC, 105C)
logo
Surge Components
CMPP SURGE-CMPP Datasheet
952Kb / 1P
   Metallized Polypropylene Film Capacitors X2-Class
logo
Illinois Capacitor, Inc...
472MKP275K ILLINOISCAPACITOR-472MKP275K Datasheet
399Kb / 3P
   Class X2 Radial Lead Metallized Polypropylene Capacitors
logo
Kemet Corporation
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
   Metallized Polypropylene Film, Class X2, 310 VAC
logo
List of Unclassifed Man...
PHE843 ETC2-PHE843 Datasheet
50Kb / 2P
   EMI suppressor, class X2, metallized polypropylene 0.01-6.8 uF, 275/280 VAC, 105C For replacement, see PHE840M
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com