Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH5901F-TL-E Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # CPH5901F-TL-E
Description  High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

CPH5901F-TL-E Datasheet(HTML) 3 Page - Sanyo Semicon Device

  CPH5901F-TL-E Datasheet HTML 1Page - Sanyo Semicon Device CPH5901F-TL-E Datasheet HTML 2Page - Sanyo Semicon Device CPH5901F-TL-E Datasheet HTML 3Page - Sanyo Semicon Device CPH5901F-TL-E Datasheet HTML 4Page - Sanyo Semicon Device CPH5901F-TL-E Datasheet HTML 5Page - Sanyo Semicon Device CPH5901F-TL-E Datasheet HTML 6Page - Sanyo Semicon Device CPH5901F-TL-E Datasheet HTML 7Page - Sanyo Semicon Device CPH5901F-TL-E Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CPH5901
No.8278-3/8
ID -- VGS
Gate-to-Source Voltage, VGS -- V
ID -- VDS
Drain-to-Source Voltage, VDS -- V
ID -- VDS
Drain-to-Source Voltage, VDS -- V
[FET]
[FET]
[FET]
VGS(off) -- IDSS
Drain Current, IDSS -- mA
[FET]
| yfs | -- ID
Drain Current, ID -- mA
[FET]
| yfs | -- IDSS
Drain Current, IDSS -- mA
[FET]
Drain-to-Source Voltage, VDS -- V
Ciss -- VDS
Crss -- VDS
Drain-to-Source Voltage, VDS -- V
[FET]
[FET]
ITR10329
0
0.4
0.8
1.2
1.6
2.0
0
2
4
6
8
10
12
14
16
VGS=0V
--0.1V
--0.2V
--0.3V
--0.4V
--0.5V
--0.6V
VGS=0V
--0.1V
--0.2V
--0.3V
--0.4V
ITR10330
024
6
8
10
0
4
8
12
16
20
--0.5V
--0.6V
I DSS
=6mA
20mA
10mA
ITR10333
ITR10334
VDS=5V
f=1kHz
VGS=0V
f=1MHz
VGS=0V
f=1MHz
1.0
5
3
2
7
5
3
2
10
5
3
3
2
10
7
100
7
5
ITR10335
VDS=5V
VGS=0V
f=1kHz
5
3
32
7
5
10
5
3
2
100
10
7
ITR10336
1.0
23
3
5
57
7
10
2
2
7
5
3
3
10
2
1.0
1.0
23
5
7
7
10
23
5
1.0
2
7
7
5
5
3
10
ITR10331
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
10
20
30
40
I DSS
=20mA
15mA
10mA
6mA
57
2
3
35
10
7
--1.0
--0.1
5
3
2
2
VDS=5V
ID=100μA
ITR10332
VDS=5V


Similar Part No. - CPH5901F-TL-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CPH5901F-TL-E ONSEMI-CPH5901F-TL-E Datasheet
424Kb / 8P
   N-Channel JFET and NPN Bipolar Transistor 15V, 6 to 20mA, 50V, 150mA, Composite type CPH5
August, 2013
More results

Similar Description - CPH5901F-TL-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH5908 SANYO-MCH5908 Datasheet
52Kb / 4P
   High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
CPH5902 SANYO-CPH5902 Datasheet
66Kb / 6P
   High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
CPH5905 SANYO-CPH5905_05 Datasheet
71Kb / 6P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5901 SANYO-CPH5901 Datasheet
106Kb / 6P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifier Applications
CPH5905 SANYO-CPH5905 Datasheet
54Kb / 5P
   High-Frequency Amplifier, AM Amplifier, Low-Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SK1875-V TOSHIBA-2SK1875-V Datasheet
256Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-BL TOSHIBA-2SK711-BL Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
2SK711-V TOSHIBA-2SK711-V Datasheet
222Kb / 5P
   High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
logo
Sanyo Semicon Device
CPH5902 SANYO-CPH5902_12 Datasheet
547Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
CPH5905 SANYO-CPH5905_12 Datasheet
534Kb / 8P
   High-Frequency Amplifier. AM Amplifier. Low-Frequency Amplifi er Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com