Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKL14Z64TPP4(R) Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # PKL14Z64TPP4(R)
Description  Supports all KL14 and KL15 devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PKL14Z64TPP4(R) Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  PKL14Z64TPP4(R) Datasheet HTML 1Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 2Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 3Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 4Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 5Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 6Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 7Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 8Page - Freescale Semiconductor, Inc PKL14Z64TPP4(R) Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
• Multiple flexible low-power modes, including new operation clocking option which reduces dynamic power by
shutting off bus and system clocks for lowest power core processing. Peripherals with an alternate asynchronous
clock source can continue operation.
• UART, SPI, I2C, ADC, DAC, TPM, LPT and DMA support low-power mode operation without waking up the
core
• Memory:
• Scalable memory footprints from 8 KB flash / 1 KB SRAM to 128 KB flash / 16 KB SRAM
• Embedded 64 B cache memory for optimizing bus bandwidth and flash execution performance (feature not
available on KL02 family)
• Mixed-signal analog:
• Fast, high precision 16-, or 12-bit ADCs with optional differential pairs, 12-bit DACs, high speed comparators.
Powerful signal conditioning, conversion and analysis capability with reduced system cost
• Human Machine Interface (HMI):
• Optional capacitive Touch Sensing Interface with full low-power support and minimal current adder when
enabled
• Connectivity and Communications:
• All UARTs support DMA transfers, and can trigger when data on bus is detected, UART0 supports 4x to 32x
over sampling ratio. Asynchronous transmit and receive operation for operating in STOP/VLPS modes.
• Up to two SPIs
• Up to two IICs
• Full-speed USB OTG controller with on-chip transceiver
• Reliability, Safety and Security:
• Internal watchdog
• Timing and Control:
• Powerful timer modules which support general purpose, PWM, and motor control functions
• Periodic Interrupt Timer for RTOS task scheduler time base or trigger source for ADC conversion and timer
modules
• System:
• GPIO with pin interrupt functionality
• Wide operating voltage range from 1.71 V to 3.6 V with flash programmable down to 1.71 V with fully
functional flash and analog peripherals
• Ambient operating temperature ranges from -40 °C to 105 °C
2 KL14/KL15 Sub-Family Introduction
The device is highly-integrated, market leading ultra low power 32-bit microcontroller based on the enhanced Cortex-M0+
(CM0+) core platform. The family derivatives feature:
• Core platform clock up to 48 MHz, bus clock up to 24 MHz
• Memory option is up to 128 KB Flash and 16 KB RAM
• Wide operating voltage ranges from 1.71V to 3.6V with full functional Flash program/erase/read operations
• Multiple package options from 32-pin to 80-pin
• Ambient operating temperature ranges from –40 °C to 105 °C
The family acts as an ultra low power, cost effective microcontroller to provide developers an appropriate entry-level 32-bit
solution. The family is next generation MCU solution for low cost, low power, high performance devices applications. It’s
valuable for cost-sensitive, portable applications requiring long battery life-time.
3 Block Diagram
The below figure shows a superset block diagram of the device. Other devices within the family have a subset of the features.
KL14/KL15 Sub-Family Introduction
KL14/KL15 Product Brief, Rev. 2, 6/2012
Freescale Semiconductor, Inc.
Preliminary
3
General Business Information


Similar Part No. - PKL14Z64TPP4(R)

ManufacturerPart #DatasheetDescription
logo
StarHope
PKL18A SPSEMI-PKL18A Datasheet
113Kb / 5P
   Axial Auto Surge Suppressor Stand-off Voltage - 18 to 43 Volts 4000 Watt Peak Pulse Power
More results

Similar Description - PKL14Z64TPP4(R)

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MKL04Z16VFK4 FREESCALE-MKL04Z16VFK4 Datasheet
300Kb / 20P
   Supports all KL04 and KL05 devices
logo
NXP Semiconductors
KL15P35M48SF0 NXP-KL15P35M48SF0 Datasheet
1Mb / 52P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
KL14P80M48SF0 NXP-KL14P80M48SF0 Datasheet
1Mb / 52P
   Kinetis KL14 Sub-Family
Rev 5 08/2014
logo
Lattice Semiconductor
GAL22V10D-15QPN LATTICE-GAL22V10D-15QPN Datasheet
718Kb / 23P
   All Devices Discontinued
GAL16V8D-25LJN LATTICE-GAL16V8D-25LJN Datasheet
767Kb / 26P
   All Devices Discontinued
GAL22V10D-10LPN LATTICE-GAL22V10D-10LPN Datasheet
718Kb / 23P
   All Devices Discontinued
logo
Freescale Semiconductor...
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
   KL14 Sub-Family Data Sheet
logo
NXP Semiconductors
KL15P80M48SF0 NXP-KL15P80M48SF0 Datasheet
1Mb / 57P
   Kinetis KL15 Sub-Family
Rev 5 08/2014
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
   Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
   Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com