Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2013M Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA2013M
Description  EIAJ Sound Multiplexing Decoder
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2013M Datasheet(HTML) 4 Page - Sony Corporation

  CXA2013M Datasheet HTML 1Page - Sony Corporation CXA2013M Datasheet HTML 2Page - Sony Corporation CXA2013M Datasheet HTML 3Page - Sony Corporation CXA2013M Datasheet HTML 4Page - Sony Corporation CXA2013M Datasheet HTML 5Page - Sony Corporation CXA2013M Datasheet HTML 6Page - Sony Corporation CXA2013M Datasheet HTML 7Page - Sony Corporation CXA2013M Datasheet HTML 8Page - Sony Corporation CXA2013M Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
– 4 –
CXA2013M
8SDA
9
SCL
10
DGND
11
BAL
4.2V
12
TRE
4.2V
13
BASS
4.2V
14
VOL
5.2V
7.5k
4.5k
×5
4k
3k
7.5k
2.1V
×2
35µ
8
VCC
7.5k
35µ
2.1V
10.5k
×4
4k
3k
9
VCC
10
5.2V
40k
2k
2k
20k
75µ
11
12
13
VCC
5.2V
10k
2k
5k
300µ
14
VCC
×4
×4
Serial data I/O pin
VIH > 3.0V
VIL < 1.5V
Serial clock I/O pin
VIH > 3.0V
VIL < 1.5V
Digital block GND
DAC output pin. (BAL)
Connect LPF capacitance of DAC.
Internal impedance is
approximately 20k
Ω.
DAC output pin. (TRE)
Connect LPF capacitance of DAC.
Internal impedance is
approximately 20k
Ω.
DAC output pin. (BASS)
Connect LPF capacitance of DAC.
Internal impedance is
approximately 20k
Ω.
DAC output pin. (VOL)
Connect LPF capacitance of DAC.
Internal impedance is
approximately 5k
Ω.
Pin
No.
Symbol
Pin
voltage
Equivalent circuit
Description


Similar Part No. - CXA2013M

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2011 CREE-CXA2011 Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CXA2011 CREE-CXA2011 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
CXA2011-0000-000P00F00E8 CREE-CXA2011-0000-000P00F00E8 Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
CXA2011-0000-000P00F027F CREE-CXA2011-0000-000P00F027F Datasheet
1Mb / 14P
   Cree XLamp CXA2011 LED
More results

Similar Description - CXA2013M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2202M SONY-CXA2202M Datasheet
415Kb / 2P
   EIAJ Sound Multiplexing Decoder
CXA2020M SONY-CXA2020M Datasheet
247Kb / 18P
   EIAJ Sound Multiplexing Decoder
CXA2202N SONY-CXA2202N Datasheet
211Kb / 2P
   EIAJ Sound Multiplexing Decoder
CXA1518Q SONY-CXA1518Q Datasheet
271Kb / 20P
   EIAJ Sound Multiplexing Decoder
CXA2149Q SONY-CXA2149Q Datasheet
300Kb / 25P
   US Audio Multiplexing Decoder
CXA2054S SONY-CXA2054S Datasheet
514Kb / 38P
   US Audio Multiplexing Decoder
CXA1734S SONY-CXA1734S Datasheet
471Kb / 30P
   US Audio Multiplexing Decoder
CXA2104S SONY-CXA2104S Datasheet
331Kb / 28P
   US Audio Multiplexing Decoder
CXA2174S SONY-CXA2174S Datasheet
310Kb / 29P
   US Audio Multiplexing Decoder
CXA2074Q SONY-CXA2074Q Datasheet
513Kb / 38P
   US Audio Multiplexing Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com