Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDDS100H06-F085 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # FDDS100H06-F085
Description  Smart High Side Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

FDDS100H06-F085 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  FDDS100H06-F085 Datasheet HTML 1Page - Bourns Electronic Solutions FDDS100H06-F085 Datasheet HTML 2Page - Bourns Electronic Solutions FDDS100H06-F085 Datasheet HTML 3Page - Bourns Electronic Solutions FDDS100H06-F085 Datasheet HTML 4Page - Bourns Electronic Solutions FDDS100H06-F085 Datasheet HTML 5Page - Bourns Electronic Solutions FDDS100H06-F085 Datasheet HTML 6Page - Bourns Electronic Solutions FDDS100H06-F085 Datasheet HTML 7Page - Bourns Electronic Solutions FDDS100H06-F085 Datasheet HTML 8Page - Bourns Electronic Solutions FDDS100H06-F085 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
©2011 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FDDS100H06_F085 Rev. 1.0.0
Absolute Maximum Ratings
At Tj=25
C unless otherwise specified.
Parameter
Symbol
Values
Unit
Supply voltage 1)
Vbb
37
V
Supply voltage for full short circuit protection
Vbb
34
V
Load dump protection VLoadDump = UA + VS, UA=13.5V
RI=2
, RL=12, td=400ms, IN=Low o r High
VLoadDump 2)
60
V
Load current (Short-circuit current) 3)
IL
Self-limited
V
Operating temperature range
Storage temperature range
Tj
Tstg
-40 ~ 150
-55 ~ 150
C
C
Power Dissipation(DC) TC ≤
25 °C
Ptot
41.6
W
Inductive load switch-off energy dissipation 4)
Single pulse, IL= 2.67A, L=100mH, Vbb=12V, Tj=150
C
EAS
0.425
J
Electrostatic discharge capability
(ESD)
HBM (Human Body Model)
VESD
4
KV
CDM (Charged Device Model)
2
KV
Input Voltage (DC)
VIN
-0.5 .... + 5.4
V
Current through input pin(DC)
Current through status pin(DC)
IIN
IST
+/-2
+/-5
mA
Note:
1) See also on page 04.
2) VLoad dump is setup without the DUT connected to the generator.
3) See also diagram on page 05.
4) not subject to production test, specified by design. See also on page 10.


Similar Part No. - FDDS100H06-F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDDS100H06_F085 FAIRCHILD-FDDS100H06_F085 Datasheet
3Mb / 12P
   New Products, Tips and Tools for Power and Mobile Applications
More results

Similar Description - FDDS100H06-F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDBS09H04A FAIRCHILD-FDBS09H04A Datasheet
1Mb / 19P
   Smart High Side Switch
logo
Infineon Technologies A...
ITS4141N INFINEON-ITS4141N Datasheet
444Kb / 19P
   Smart High-Side Power Switch
2006-03-09
BTS50040-2SFA INFINEON-BTS50040-2SFA Datasheet
1Mb / 29P
   Smart High-Side Power Switch
V2.0, 2016-02-02
BTS50060-1TEA INFINEON-BTS50060-1TEA_11 Datasheet
1Mb / 39P
   Smart High-Side Power Switch
Rev. 1.2, 2011-09-01
BTS5045-2EKA INFINEON-BTS5045-2EKA_11 Datasheet
1Mb / 54P
   Smart High-Side Power Switch
Rev. 2.1, 2011-09-01
BTS5030-1EJA INFINEON-BTS5030-1EJA Datasheet
2Mb / 53P
   Smart High-Side Power Switch
Rev. 2.2, 2013-09-06
BTS5020-1EKA INFINEON-BTS5020-1EKA Datasheet
2Mb / 55P
   Smart High-Side Power Switch
Rev. 2.2, 2013-11-12
BSP752R INFINEON-BSP752R_07 Datasheet
259Kb / 18P
   Smart High-Side Power Switch
V1.1, 2007-05-29
BTS5235-2G INFINEON-BTS5235-2G Datasheet
487Kb / 25P
   Smart High-Side Power Switch
Rev.1.1, Sep 2008
BTS5246-2L INFINEON-BTS5246-2L Datasheet
467Kb / 24P
   Smart High-Side Power Switch
Rev.1.4, Sep 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com