Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT6220 Datasheet(PDF) 3 Page - ON Semiconductor

Part # CAT6220
Description  300 mA Adjustable Voltage LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT6220 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT6220 Datasheet HTML 1Page - ON Semiconductor CAT6220 Datasheet HTML 2Page - ON Semiconductor CAT6220 Datasheet HTML 3Page - ON Semiconductor CAT6220 Datasheet HTML 4Page - ON Semiconductor CAT6220 Datasheet HTML 5Page - ON Semiconductor CAT6220 Datasheet HTML 6Page - ON Semiconductor CAT6220 Datasheet HTML 7Page - ON Semiconductor CAT6220 Datasheet HTML 8Page - ON Semiconductor CAT6220 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CAT6220
http://onsemi.com
3
Table 2. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
VIN
0 to 7
V
VEN, VOUT
−0.3 to VIN + 0.3
V
Junction Temperature, TJ
+150
_C
Power Dissipation, PD
Internally Limited (Note 1)
mW
Storage Temperature Range, TS
−65 to +150
_C
Lead Temperature (soldering, 5 sec.)
260
_C
ESD Rating (Human Body Model)
2
kV
ESD Rating (Machine Model)
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. The maximum allowable power dissipation at any TA (ambient temperature) is PDmax = (TJmax – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
Table 3. RECOMMENDED OPERATING CONDITIONS (Note 2)
Parameter
Range
Unit
VIN
2.3 to 6.5
V
IOUT
0.005 to 300
mA
VEN
0 to VIN
V
Junction Temperature Range, TJ
−40 to +140
_C
Package Thermal Resistance (TSOT23−5), θJA
280
_C/W
Package Thermal Resistance (TDFN−6), θJA
160
_C/W
2. The device is not guaranteed to work outside its operating rating.


Similar Part No. - CAT6220

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ON Semiconductor
CAT6221 ONSEMI-CAT6221 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
logo
Catalyst Semiconductor
CAT6221-JFTD-G CATALYST-CAT6221-JFTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
logo
ON Semiconductor
CAT6221-JFTD-GT3 ONSEMI-CAT6221-JFTD-GT3 Datasheet
597Kb / 10P
   300 mA CMOS Dual LDO Regulator
December, 2009 ??Rev. 1
logo
Catalyst Semiconductor
CAT6221-JGTD-G CATALYST-CAT6221-JGTD-G Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results

Similar Description - CAT6220

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT6201VP2-GT3 ONSEMI-CAT6201VP2-GT3 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_13 Datasheet
338Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
December, 2013 ??Rev. 3
CAT6201 ONSEMI-CAT6201 Datasheet
343Kb / 10P
   300 mA / 13 V Adjustable CMOS LDO Regulator
September, 2012 ??Rev. 2
CAT6201 ONSEMI-CAT6201_V01 Datasheet
434Kb / 11P
   LDO Regulator - Adjustable CMOS 300 mA, 13 V
September, 2019 - Rev. 3
logo
Nisshinbo Micro Devices...
RP114X NISSHINBO-RP114X Datasheet
1Mb / 36P
   300 mA LDO REGULATOR
logo
ON Semiconductor
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
CAT6218 ONSEMI-CAT6218_11 Datasheet
158Kb / 9P
   300 mA CMOS LDO Regulator
January, 2011 ??Rev. 5
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
ON Semiconductor
NCP4589 ONSEMI-NCP4589 Datasheet
647Kb / 30P
   300 mA, Tri-Mode, LDO Linear Voltage Regulator
May, 2011 ??Rev. 0
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
   HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com