Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1Z11 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # 1Z11
Description  CONSTANT VOLTAGE REGULATION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

1Z11 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  1Z11 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd 1Z11 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
1Z6.2-1Z390 , 1Z6.8A-1Z30A
6.2V-390V
0.5A-10A
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
CONSTANT VOLTAGE REGULATION
1Z6.2 -1Z390, 1Z6.8A-1Z30A


Similar Part No. - 1Z11

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1Z11 TOSHIBA-1Z11 Datasheet
218Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
logo
Galaxy Semi-Conductor H...
1Z11 BILIN-1Z11 Datasheet
202Kb / 4P
   ZENER DIODES
logo
Shenzhen Luguang Electr...
1Z11 LUGUANG-1Z11 Datasheet
271Kb / 4P
   Zener Diodes
logo
Toshiba Semiconductor
1Z11 TOSHIBA-1Z11 Datasheet
157Kb / 1P
   1W epoxy seal type
1Z110 TOSHIBA-1Z110 Datasheet
218Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
More results

Similar Description - 1Z11

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
1AZ270 TAYCHIPST-1AZ270 Datasheet
4Mb / 2P
   CONSTANT VOLTAGE REGULATION
logo
Toshiba Semiconductor
1ZB6 TOSHIBA-1ZB6 Datasheet
207Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12A TOSHIBA-1ZC12A Datasheet
150Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1ZC12 TOSHIBA-1ZC12 Datasheet
134Kb / 3P
   DIODE (CONSTANT VOLTAGE REGULATION)
1Z390 TOSHIBA-1Z390 Datasheet
218Kb / 4P
   DIODE (CONSTANT VOLTAGE REGULATION)
015AZ2.0 TOSHIBA-015AZ2.0_07 Datasheet
985Kb / 6P
   Constant-Voltage Regulation Applications
02DZ2 TOSHIBA-02DZ2 Datasheet
262Kb / 6P
   DIODE(CONSTANT VOLTAGE REGULATION APPLICATIONS.)
U1ZB6.8 TOSHIBA-U1ZB6.8 Datasheet
132Kb / 5P
   CONSTANT VOLTAGE REGULATION TRANSIENT SUPPRESSORS
015Z2 TOSHIBA-015Z2 Datasheet
233Kb / 5P
   DIODE (CONSTANT VOLTAGE REGULATION APPLICATIONS)
1AZ330 TOSHIBA-1AZ330 Datasheet
181Kb / 3P
   ZENER DIODE ( CONSTANT VOLTAGE REGULATION)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com