Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST380CHPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ST380CHPBF
Description  Phase Control Thyristors (Hockey PUK Version), 960 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST380CHPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  ST380CHPBF_12 Datasheet HTML 1Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 2Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 3Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 4Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 5Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 6Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 7Page - Vishay Siliconix ST380CHPBF_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 94411
2
Revision: 11-Aug-08
ST380CHPbF Series
Vishay High Power Products
Phase Control Thyristors
(Hockey PUK Version), 960 A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average on-state current
at heatsink temperature
IT(AV)
180° conduction, half sine wave
double side (single side) cooled
960 (440)
A
80 (110)
°C
Maximum RMS on-state current
IT(RMS)
DC at 25 °C heatsink temperature double side cooled
2220
A
Maximum peak, one-cycle
non-repetitive surge current
ITSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
12 500
t = 8.3 ms
13 000
t = 10 ms
100 % VRRM
reapplied
10 500
t = 8.3 ms
11 000
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
782
kA2s
t = 8.3 ms
713
t = 10 ms
100 % VRRM
reapplied
553
t = 8.3 ms
505
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
7820
kA2
√s
Low level value of threshold voltage
VT(TO)1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
0.85
V
High level value of threshold voltage
VT(TO)2
(I >
π x I
T(AV)), TJ = TJ maximum
0.88
Low level value of on-state slope resistance
rt1
(16.7 % x
π x I
T(AV) < I < π x IT(AV)), TJ = TJ maximum
0.25
m
Ω
High level value of on-state slope resistance
rt2
(I >
π x I
T(AV)), TJ = TJ maximum
0.24
Maximum on-state voltage
VTM
Ipk = 2900 A, TJ = TJ maximum, tp = 10 ms sine pulse
1.58
V
Maximum holding current
IH
TJ = 25 °C, anode supply 12 V resistive load
600
mA
Typical latching current
IL
1000
SWITCHING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum non-repetitive rate of rise
of turned-on current
dI/dt
Gate drive 20 V, 20
Ω, t
r ≤ 1 µs
TJ = TJ maximum, anode voltage ≤ 80 % VDRM
1000
A/µs
Typical delay time
td
Gate current 1 A, dIg/dt = 1 A/µs
Vd = 0.67 % VDRM, TJ = 25 °C
1.0
µs
Typical turn-off time
tq
ITM = 550 A, TJ = TJ maximum, dI/dt = 40 A/µs,
VR = 50 V, dV/dt = 20 V/µs, gate 0 V 100 Ω, tp = 500 µs
100
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum critical rate of rise of
off-state voltage
dV/dt
TJ = TJ maximum linear to 80 % rated VDRM
500
V/µs
Maximum peak reverse and
off-state leakage current
IRRM,
IDRM
TJ = TJ maximum, rated VDRM/VRRM applied
100
mA


Similar Part No. - ST380CHPBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST380CHPBF VISHAY-ST380CHPBF_15 Datasheet
212Kb / 9P
   Phase Control Thyristors
Revision: 11-Aug-08
More results

Similar Description - ST380CHPBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST380CHPBF VISHAY-ST380CHPBF Datasheet
199Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 960 A
Revision: 11-Aug-08
VS-ST380CH VISHAY-VS-ST380CH_V01 Datasheet
218Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 960 A
01-Jan-2022
ST380CPBF VISHAY-ST380CPBF_12 Datasheet
217Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 960 A
Revision: 11-Aug-08
ST380CPBF VISHAY-ST380CPBF Datasheet
199Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 960 A
Revision: 11-Aug-08
VS-ST380C VISHAY-VS-ST380C_V01 Datasheet
221Kb / 8P
   Phase Control Thyristors (Hockey PUK Version), 960 A
01-Jan-2022
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST700C IRF-ST700C Datasheet
96Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com