Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1998AQ Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA1998AQ
Description  Recording/Playback Equalizer Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1998AQ Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA1998AQ Datasheet HTML 4Page - Sony Corporation CXA1998AQ Datasheet HTML 5Page - Sony Corporation CXA1998AQ Datasheet HTML 6Page - Sony Corporation CXA1998AQ Datasheet HTML 7Page - Sony Corporation CXA1998AQ Datasheet HTML 8Page - Sony Corporation CXA1998AQ Datasheet HTML 9Page - Sony Corporation CXA1998AQ Datasheet HTML 10Page - Sony Corporation CXA1998AQ Datasheet HTML 11Page - Sony Corporation CXA1998AQ Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
– 8 –
CXA1998AQ
Connects a resistor
(12k
Ω) for determining
equalizer gains.
36
RFC
8.0V
Connects a resistor
and capacitor for
obtaining stable
voltage with power
supply ripple rejected.
37
IREF
38
47
PB OUT2
PB OUT1
2.8V
O
Playback equalizer
output.
147
48
FP CAL
1.2V
Connects a resistor for
determining the high-
band peak frequency
of recording equalizer.
Reference setting
resistance is 27k
Ω.
36
VCC
147
VCC
GND
× 3
× 250
× 3
To each RFS
Vcc
GND
× 2
GND
37
48
147
Vcc
Vcc
GND
Vcc
× 3
500
147
× 6
GND
15p
47
38
500
39
46
PB FB22
PB FB21
2.8V
Connects a capacitor
for determining
playback equalizer
time constants, such
as 120µs and 70µs.
39
46
VCC
147
× 3
GND
2k
2k
GND
GND
× 4
7k
× 3
× 4
RFS
Pin
No.
Symbol
DC
voltage
I/O
Equivalent circuit
Description
I/O
resistance


Similar Part No. - CXA1998AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1998 SONY-CXA1998 Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
More results

Similar Description - CXA1998AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
Rohm
BA5102A ROHM-BA5102A Datasheet
99Kb / 2P
   Switchless Recording/Playback Amplifier
logo
Sony Corporation
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
   2-channel Recording/Playback Amplifier
logo
Sanyo Semicon Device
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
logo
Sony Corporation
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com