Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS116LT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAS116LT3G
Description  Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS116LT3G Datasheet(HTML) 2 Page - ON Semiconductor

  BAS116LT3G Datasheet HTML 1Page - ON Semiconductor BAS116LT3G Datasheet HTML 2Page - ON Semiconductor BAS116LT3G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS116LT1G, SBAS116LT1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage (IBR = 100 mAdc)
V(BR)
75
Vdc
Reverse Voltage Leakage Current (VR = 75 Vdc)
Reverse Voltage Leakage Current (VR = 75 Vdc, TJ = 150°C)
IR
5.0
80
nAdc
Forward Voltage (IF = 1.0 mAdc)
Forward Voltage (IF = 10 mAdc)
Forward Voltage (IF = 50 mAdc)
Forward Voltage (IF = 150 mAdc)
VF
900
1000
1100
1250
mV
Diode Capacitance (VR = 0 V, f = 1.0 MHz)
CD
2.0
pF
Reverse Recovery Time (IF = IR = 10 mAdc) (Figure 1)
trr
3.0
ms
1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 10 mA.
2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
DUT
VR
100
mH
0.1
mF
50 W Output
Pulse
Generator
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
TYPICAL CHARACTERISTICS
Figure 2. Forward Voltage
Figure 3. Capacitance
VF, FORWARD VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
1.2
1.0
0.8
0.6
0.4
0.2
0
0.1
1
10
100
1,000
70
60
50
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1.0
1.2
150°C
−55°C
25°C
80
TA = 25°C


Similar Part No. - BAS116LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS116LT3G ONSEMI-BAS116LT3G Datasheet
118Kb / 3P
   Switching Diode
August, 2009 ??Rev. 6
BAS116LT3G ONSEMI-BAS116LT3G Datasheet
83Kb / 4P
   Switching Diode
October, 2016 ??Rev. 12
More results

Similar Description - BAS116LT3G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com