Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBAS21DW5 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SBAS21DW5
Description  High Voltage Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBAS21DW5 Datasheet(HTML) 2 Page - ON Semiconductor

  SBAS21DW5 Datasheet HTML 1Page - ON Semiconductor SBAS21DW5 Datasheet HTML 2Page - ON Semiconductor SBAS21DW5 Datasheet HTML 3Page - ON Semiconductor SBAS21DW5 Datasheet HTML 4Page - ON Semiconductor SBAS21DW5 Datasheet HTML 5Page - ON Semiconductor SBAS21DW5 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BAS19L, NSVBAS19L, BAS20L, SBAS20L, BAS21L, SBAS21L, BAS21DW5,
SBAS21DW5
http://onsemi.com
2
THERMAL CHARACTERISTICS (SOT−23)
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board
(Note 2)
TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance
Junction−to−Ambient (SOT−23)
RqJA
556
°C/W
Total Device Dissipation Alumina Substrate
(Note 3)
TA = 25°C
Derate above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS (SC−88A)
Characteristic
Symbol
Max
Unit
Power Dissipation (Note 4)
PD
385
mW
Thermal Resistance −
Junction−to−Ambient
Derate Above 25°C
RqJA
328
3.0
°C/W
mW/°C
Maximum Junction Temperature
TJmax
150
°C
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
2. FR−5 = 1.0
0.75
0.062 in.
3. Alumina = 0.4
0.3
0.024 in. 99.5% alumina.
4. Mounted on FR−5 Board = 1.0 x 0.75 x 0.062 in.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Reverse Voltage Leakage Current
(VR = 100 Vdc)
BAS19, NSVBAS19
(VR = 150 Vdc)
BAS20, SBAS20
(VR = 200 Vdc)
BAS21, SBAS21
(VR = 100 Vdc, TJ = 150°C)
BAS19
(VR = 150 Vdc, TJ = 150°C)
BAS20, SBAS20
(VR = 200 Vdc, TJ = 150°C)
BAS21, SBAS21
IR
0.1
0.1
0.1
100
100
100
mAdc
Reverse Breakdown Voltage
(IBR = 100 mAdc)
BAS19, NSVBAS19
(IBR = 100 mAdc)
BAS20, SBAS20
(IBR = 100 mAdc)
BAS21, SBAS21
V(BR)
120
200
250
Vdc
Forward Voltage
(IF = 100 mAdc)
(IF = 200 mAdc)
VF
1.0
1.25
Vdc
Diode Capacitance (VR = 0, f = 1.0 MHz)
CD
5.0
pF
Reverse Recovery Time (IF = IR = 30 mAdc, IR(REC) = 3.0 mAdc, RL = 100)
trr
50
ns


Similar Part No. - SBAS21DW5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBAS21DW5 ONSEMI-SBAS21DW5 Datasheet
110Kb / 6P
   High Voltage Switching Diode
November, 2012 ??Rev. 15
SBAS21DW5T1G ONSEMI-SBAS21DW5T1G Datasheet
110Kb / 6P
   High Voltage Switching Diode
November, 2012 ??Rev. 15
SBAS21DW5T1G ONSEMI-SBAS21DW5T1G Datasheet
75Kb / 6P
   High Voltage Switching Diode
November, 2016 ??Rev. 18
SBAS21DW5T3G ONSEMI-SBAS21DW5T3G Datasheet
110Kb / 6P
   High Voltage Switching Diode
November, 2012 ??Rev. 15
SBAS21DW5T3G ONSEMI-SBAS21DW5T3G Datasheet
75Kb / 6P
   High Voltage Switching Diode
November, 2016 ??Rev. 18
More results

Similar Description - SBAS21DW5

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
logo
SHENZHEN YONGERJIA INDU...
1SS245 WINNERJOIN-1SS245_15 Datasheet
129Kb / 3P
   High-voltage switching diode
logo
Leshan Radio Company
LBAS21HT1G LRC-LBAS21HT1G_15 Datasheet
606Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
LBAS20HT1G LRC-LBAS20HT1G_15 Datasheet
295Kb / 3P
   High Voltage Switching Diode
logo
ON Semiconductor
NSD350H ONSEMI-NSD350H Datasheet
59Kb / 4P
   High Voltage Switching Diode
April, 2015 ??Rev. 0
logo
Diodes Incorporated
BAV5004LP DIODES-BAV5004LP_15 Datasheet
92Kb / 4P
   HIGH VOLTAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMXD3004SR CENTRAL-CMXD3004SR Datasheet
764Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
SEMTECH ELECTRONICS LTD...
BAS521WT SEMTECH_ELEC-BAS521WT Datasheet
235Kb / 3P
   High Voltage Switching Diode
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
   High voltage switching diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com