Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1547A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # ENA1547A
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1547A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  ENA1547A Datasheet HTML 1Page - Sanyo Semicon Device ENA1547A Datasheet HTML 2Page - Sanyo Semicon Device ENA1547A Datasheet HTML 3Page - Sanyo Semicon Device ENA1547A Datasheet HTML 4Page - Sanyo Semicon Device ENA1547A Datasheet HTML 5Page - Sanyo Semicon Device ENA1547A Datasheet HTML 6Page - Sanyo Semicon Device ENA1547A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ATP201
No. A1547-1/7
1 : Gate
2 : Drain
3 : Source
4 : Drain
SANYO : ATPAK
0.4
0.55
13
2
6.5
0.6
4
0.8
1.5
0.4
2.6
4.6
0.4
2.3
2.3
ATP201-TL-H
Features
Low ON-resistance
4.5V drive
Slim package
Halogen free compliance
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
30
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
35
A
Drain Current (PW≤10μs)
IDP
PW≤10μs, duty cycle≤1%
105
A
Allowable Power Dissipation
PD
Tc=25°C30
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
10
mJ
Avalanche Current *2
IAV
18
A
Note :
*1 VDD=10V, L=50μH, IAV=18A
*2 L≤50μH, Single pulse
Package Dimensions
unit : mm (typ)
7057-001
Ordering number : ENA1547A
61312 TKIM/82609PA TKIM TC-00002027
ATP201
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: ATPAK
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
TL
ATP201
LOT No.
1
3
2,4
SANYO Semiconductors
DATA SHEET


Similar Part No. - ENA1547A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ENA1543A SANYO-ENA1543A Datasheet
462Kb / 7P
   General-Purpose Switching Device Applications
ENA1548A SANYO-ENA1548A Datasheet
506Kb / 6P
   High-Frequency Low-Noise Amplifier
More results

Similar Description - ENA1547A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com