Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LBC180-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LBC180-Q1
Description  LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65LBC180-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  SN65LBC180-Q1 Datasheet HTML 1Page - Texas Instruments SN65LBC180-Q1 Datasheet HTML 2Page - Texas Instruments SN65LBC180-Q1 Datasheet HTML 3Page - Texas Instruments SN65LBC180-Q1 Datasheet HTML 4Page - Texas Instruments SN65LBC180-Q1 Datasheet HTML 5Page - Texas Instruments SN65LBC180-Q1 Datasheet HTML 6Page - Texas Instruments SN65LBC180-Q1 Datasheet HTML 7Page - Texas Instruments SN65LBC180-Q1 Datasheet HTML 8Page - Texas Instruments SN65LBC180-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN65LBC180Q1
LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIR
SGLS251A − JULY 2004 − REVISED JUNE 2008
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DRIVER SECTION
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = − 18 mA
− 1.5
V
| VOD |
Differential output voltage magnitude
RL = 54 Ω,
See Figure 1
1.1
2.5
5
V
| VOD |
Differential output voltage magnitude
(see Note 3)
RL = 60 Ω,
See Figure 2
1.1
2
5
V
∆| VOD |
Change in magnitude of differential output
voltage (see Note 4)
See Figures 1 and 2
±0.2
V
VOC
Common-mode output voltage
1
2.5
3
V
∆| VOC |
Change in magnitude of common-mode output
voltage (see Note 4)
RL = 54 Ω,
See Figure 1
±0.2
V
IO
Output current with power off
VCC = 0,
VO = − 7 V to 12 V
±100
µA
IOZ
High-impedance-state output current
VO = − 7 V to 12 V
±100
µA
IIH
High-level input current
VI = 2.4 V
− 100
µA
IIL
Low-level input current
VI = 0.4 V
− 100
µA
IOS
Short-circuit output current
− 7 V
≤ VO ≤ 12 V
±250
mA
ICC
Supply current
Receiver disabled
Outputs enabled
5
mA
ICC
Supply current
Receiver disabled
Outputs disabled
3
mA
† All typical values are at VCC = 5 V and TA = 25°C.
NOTES:
3. The minimum VOD specification of the SN65LBC180 may not fully comply with ANSI RS-485 at operating temperatures below 0°C.
System designers should take the possibly lower output signal into account in determining the maximum signal-transmission
distance.
4.
∆|VOD| and ∆|VOC| are the changes in the steady-state magnitude of VOD and VOC, respectively, that occur when the input is
changed from a high level to a low level.
switching characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
td(OD)
Differential output delay time
RL = 54 Ω
See Figure 3
7
12
18
ns
tt(OD)
Differential output transition time
RL = 54 Ω,
See Figure 3
5
10
20
ns
tPZH
Output enable time to high level
RL = 110 Ω,
See Figure 4
35
ns
tPZL
Output enable time to low level
RL = 110 Ω,
See Figure 5
35
ns
tPHZ
Output disable time from high level
RL = 110 Ω,
See Figure 4
50
ns
tPLZ
Output disable time from low level
RL = 110 Ω,
See Figure 5
35
ns


Similar Part No. - SN65LBC180-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC180 TI-SN65LBC180 Datasheet
217Kb / 15P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI-SN65LBC180A Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180A TI1-SN65LBC180A Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180AD TI-SN65LBC180AD Datasheet
415Kb / 19P
[Old version datasheet]   LOW POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
SN65LBC180AD TI1-SN65LBC180AD Datasheet
537Kb / 21P
[Old version datasheet]   LOW-POWER DIFFERENTIAL LINE DRIVER AND RECEIVER PAIRS
More results

Similar Description - SN65LBC180-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS8921 TI1-DS8921_15 Datasheet
1Mb / 20P
[Old version datasheet]   Differential Line Driver and Receiver Pair
logo
National Semiconductor ...
DS8921 NSC-DS8921 Datasheet
244Kb / 8P
   Differential Line Driver and Receiver Pair
DS89C21 NSC-DS89C21 Datasheet
78Kb / 6P
   Differential CMOS Line Driver and Receiver Pair
logo
Texas Instruments
DS8921 TI1-DS8921_V01 Datasheet
1Mb / 21P
[Old version datasheet]   DS8921x Differential Line Driver and Receiver Pair
DS89C21 TI1-DS89C21_14 Datasheet
759Kb / 13P
[Old version datasheet]   Differential CMOS Line Driver and Receiver Pair
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_10 Datasheet
870Kb / 15P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com