Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVDA541QDR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN65HVDA541QDR
Description  5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVDA541QDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVDA541QDR Datasheet HTML 2Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 3Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 4Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 5Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 6Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 7Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 8Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 9Page - Texas Instruments SN65HVDA541QDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
DRIVER ELECTRICAL CHARACTERISTICS
DRIVER SWITCHING CHARACTERISTICS
SN65HVDA540
SN65HVDA541
SLLS981 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
over recommended operating conditions, TJ = –40°C to 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
6.1
CANH
2.9
4.5
Bus output voltage
VI = 0 V, STB at 0 V, RL = 60 Ω,
VO(D)
V
(dominant)
See Figure 3 and Figure 4
6.2
CANL
0.8
1.75
VI = VIO, VIO = 3 V, STB at 0 V,
6.3
VO(R)
Bus output voltage (recessive)
RL = 60 Ω, See Figure 3 and
2
2.5
3
V
Figure 4
STB at VIO, RL = 60 Ω,
6.4
VO
Bus output voltage (standby mode)
–0.1
0.1
V
See Figure 3 and Figure 4
VI = 0 V, RL = 60 Ω, STB at 0 V,
6.5
See Figure 3, Figure 4, and
1.5
3
Figure 5
VOD(D)
Differential output voltage (dominant)
V
VI = 0 V, RL = 45 Ω, STB at 0 V,
6.6
See Figure 3, Figure 4, and
1.4
3
Figure 5
VI = 3 V, STB at 0 V, RL = 60 Ω,
6.7
–0.012
0.012
See Figure 3 and Figure 4
VOD(R)
Differential output voltage (recessive)
V
6.8
VI = 3 V, STB at 0 V, No load
–0.5
0.05
Output symmetry (dominant or
STB at 0 V, RL = 60 Ω,
6.9
VSYM
0.9 VCC
VCC
1.1 VCC
V
recessive) (VO(CANH) + VO(CANL))
See Figure 15
Steady-state common-mode output
6.10
VOC(ss)
2
2.5
3
V
voltage
STB at 0 V, RL = 60 Ω,
See Figure 10
Change in steady-state
6.11
ΔVOC(ss)
30
mV
common-mode output voltage
6.12
IIH
High-level input current, TXD input
TXD at VIO
–2
2
µA
6.13
IIL
Low-level input current, TXD input
TXD at 0 V
–100
–7
µA
VCC = 0 V, VIO = 0V,
6.14
IO(off)
Power-off TXD output current
1
µA
TXD at 5.25 V
VCANH = –12 V, CANL open,
6.15
–120
–85
See Figure 13
VCANH = 12 V, CANL open,
6.16
0.5
1
See Figure 13
Short-circuit steady-state output
IOS(ss)
mA
current
VCANL = –12 V, CANH open,
6.17
–1
–0.6
See Figure 13
VCANL = 12 V, CANH open,
6.18
75
120
See Figure 13
6.19
CO
Output capacitance
See receiver input capacitance
(1)
All typical values are at 25°C and supply voltages of VCC = 5 V and VIO = 3.3 V.
over recommended operating conditions, TJ = –40°C to 150°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
7.1
tPLH
Propagation delay time, low-to-high level output
STB at 0 V, See Figure 6
65
120
7.2
tPHL
Propagation delay time, high-to-low level output
STB at 0 V, See Figure 6
50
120
ns
7.3
tr
Differential output signal rise time
STB at 0 V, See Figure 6
25
7.4
tf
Differential output signal fall time
STB at 0 V, See Figure 6
45
7.5
ten
Enable time from standby mode to dominant
See Figure 9
10
µs
7.6
t(dom)
Dominant time out
See Figure 12
300
400
700
µs
(1)
All typical values are at 25°C and supply voltages of VCC = 5 V and VIO = 3.3 V.
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65HVDA540 SN65HVDA541


Similar Part No. - SN65HVDA541QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA541QDRQ1 TI-SN65HVDA541QDRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS Operational Amplifier with Shutdown
MARCH 2002 - REVISED MAY 2009
More results

Similar Description - SN65HVDA541QDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HVDA551QDRQ1 TI1-HVDA551QDRQ1 Datasheet
921Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER-MODE SUPPLY OPTIMIZATION
SN65HVDA540-Q1 TI1-SN65HVDA540-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA540-5-Q1 TI1-SN65HVDA540-5-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN74AVCH2T45 TI1-SN74AVCH2T45_15 Datasheet
985Kb / 31P
[Old version datasheet]   2-Supply, Bus Transceiver with Configurable Level-Shifting
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
[Old version datasheet]   TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
logo
NXP Semiconductors
UJA1166A NXP-UJA1166A Datasheet
435Kb / 35P
   High-speed CAN transceiver with 5 V LDO and Sleep mode
Rev. 1 ??23 August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com