Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1106A Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # ENA1106A
Description  NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1106A Datasheet(HTML) 4 Page - Sanyo Semicon Device

  ENA1106A Datasheet HTML 1Page - Sanyo Semicon Device ENA1106A Datasheet HTML 2Page - Sanyo Semicon Device ENA1106A Datasheet HTML 3Page - Sanyo Semicon Device ENA1106A Datasheet HTML 4Page - Sanyo Semicon Device ENA1106A Datasheet HTML 5Page - Sanyo Semicon Device ENA1106A Datasheet HTML 6Page - Sanyo Semicon Device ENA1106A Datasheet HTML 7Page - Sanyo Semicon Device ENA1106A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
15GN03CA
No. A1106-4/8
S Parameters (Common emitter)
VCE=5V, IC=1mA, ZO=50
Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.918
-34.17
3.328
154.00
0.040
67.14
0.963
-9.32
200
0.816
-63.46
2.833
133.91
0.063
50.52
0.897
-15.61
300
0.719
-87.48
2.349
118.47
0.075
39.90
0.847
-19.59
400
0.650
-106.66
1.974
106.31
0.081
33.68
0.816
-22.72
500
0.603
-123.45
1.709
96.50
0.081
30.41
0.795
-25.65
600
0.579
-137.17
1.492
88.62
0.078
30.45
0.785
-28.56
700
0.562
-149.31
1.328
81.55
0.074
30.61
0.779
-31.42
800
0.557
-159.59
1.197
75.34
0.070
34.97
0.777
-34.68
900
0.557
-168.64
1.094
70.12
0.068
41.63
0.773
-38.02
1000
0.560
-176.38
1.003
65.13
0.066
50.34
0.773
-41.22
VCE=5V, IC=3mA, ZO=50
Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.799
-55.14
7.483
141.00
0.033
59.88
0.886
-14.45
200
0.641
-93.26
5.412
118.03
0.047
44.28
0.773
-18.84
300
0.553
-118.80
4.036
104.19
0.050
40.23
0.719
-21.00
400
0.512
-136.73
3.182
94.58
0.052
40.73
0.693
-22.61
500
0.492
-150.89
2.627
86.95
0.055
44.74
0.683
-24.93
600
0.488
-161.99
2.244
80.86
0.056
49.28
0.677
-27.44
700
0.487
-171.08
1.958
75.25
0.059
55.44
0.675
-30.18
800
0.492
-178.68
1.749
70.37
0.063
62.40
0.675
-33.31
900
0.502
174.60
1.575
65.89
0.068
67.82
0.674
-36.39
1000
0.508
168.93
1.433
61.61
0.078
74.10
0.677
-39.25
VCE=5V, IC=5mA, ZO=50
Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.703
-69.63
10.162
132.63
0.030
54.51
0.821
-16.94
200
0.550
-109.80
6.625
110.25
0.037
43.19
0.704
-19.31
300
0.490
-133.75
4.733
98.16
0.041
44.91
0.660
-20.36
400
0.464
-149.68
3.666
89.82
0.045
49.05
0.643
-21.83
500
0.458
-161.66
3.003
83.25
0.049
56.14
0.635
-23.97
600
0.460
-170.95
2.537
77.83
0.054
60.18
0.632
-26.46
700
0.465
-178.51
2.212
72.71
0.058
65.91
0.631
-29.05
800
0.472
174.93
1.962
68.10
0.067
71.03
0.633
-32.06
900
0.482
169.11
1.764
64.09
0.075
76.57
0.634
-35.26
1000
0.491
164.18
1.602
59.88
0.085
78.96
0.635
-38.26
VCE=5V, IC=10mA, ZO=50
Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.568
-91.34
13.492
121.50
0.022
51.19
0.729
-18.79
200
0.463
-130.04
7.837
102.18
0.030
50.01
0.628
-18.37
300
0.435
-149.86
5.435
92.29
0.035
56.54
0.598
-18.84
400
0.427
-162.69
4.153
85.23
0.041
59.99
0.587
-20.20
500
0.431
-171.77
3.374
79.57
0.047
67.05
0.586
-22.36
600
0.438
-179.07
2.842
74.63
0.055
70.37
0.585
-24.64
700
0.446
174.71
2.460
69.90
0.062
74.51
0.587
-27.44
800
0.457
169.18
2.181
65.54
0.072
78.16
0.588
-30.30
900
0.469
164.67
1.954
61.61
0.080
80.51
0.592
-33.49
1000
0.482
160.55
1.775
57.60
0.092
82.60
0.596
-36.43


Similar Part No. - ENA1106A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1106A ONSEMI-ENA1106A Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
More results

Similar Description - ENA1106A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15GN03MA SANYO-15GN03MA_12 Datasheet
411Kb / 8P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifi er Applications
MCH4020 SANYO-MCH4020 Datasheet
276Kb / 9P
   NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifi er
CPH6020 SANYO-CPH6020 Datasheet
264Kb / 4P
   NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er
MCH6001 SANYO-MCH6001 Datasheet
256Kb / 4P
   NPN Epitaxial Planar Silicon Composite Transistor High Frequency Low-Noise Amplifi er
15GN03MA SANYO-15GN03MA Datasheet
56Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifier Applications
15GN03SA SANYO-15GN03SA Datasheet
55Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifier Applications
15GN03CA SANYO-15GN03CA Datasheet
55Kb / 6P
   NPN Epitaxial Planar Silicon Transistor VHF High-frequency Amplifier Applications
CPH6021 SANYO-CPH6021 Datasheet
370Kb / 10P
   PNP Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er
3SK263 SANYO-3SK263_12 Datasheet
492Kb / 6P
   FM Tuner, VHF Tuner, High-Frequency Amplifi er Applications
2SC5374A SANYO-2SC5374A_12 Datasheet
534Kb / 8P
   VHF to UHF Band OSC, High-Frequency Amplifi er Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com