Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVDA540 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVDA540
Description  5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVDA540 Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVDA540 Datasheet HTML 1Page - Texas Instruments SN65HVDA540 Datasheet HTML 2Page - Texas Instruments SN65HVDA540 Datasheet HTML 3Page - Texas Instruments SN65HVDA540 Datasheet HTML 4Page - Texas Instruments SN65HVDA540 Datasheet HTML 5Page - Texas Instruments SN65HVDA540 Datasheet HTML 6Page - Texas Instruments SN65HVDA540 Datasheet HTML 7Page - Texas Instruments SN65HVDA540 Datasheet HTML 8Page - Texas Instruments SN65HVDA540 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
3
7
6
4
1
8
5
2
Dominant
Time-Out
Fault Detection
and Protection
V
CC
V
IO
CANH
CANL
Driver
Mode Select
Wake-Up
Filter
MUX
Output
Logic
Input
Logic
TXD
STB
RXD
Standby Bus Monitor
and Low-Power Receiver
(SN65HVDA541 only)
V
IO
V
IO
Input
Logic
SN65HVDA540
SN65HVDA541
www.ti.com ........................................................................................................................................................................................................ SLLS981 – MAY 2009
5-V CAN TRANSCEIVER
WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
• SAE J2284 High-Speed CAN for Automotive
• Qualified for Automotive Applications
Applications
• Meets or Exceeds the Requirements of
• SAE J1939 Standard Data Bus Interface
ISO 11898
• ISO 11783 Standard Data Bus Interface
• GIFT/ICT Compliant
• NMEA 2000 Standard Data Bus Interface
• ESD Protection up to ±12 kV (Human-Body
Model) on Bus Pins
• Level Adapting I/O Voltage Range to Support
The
SN65HVDA540/SN65HVDA541
meets
or
MCUs With Digital I/Os From 3 V to 5.25 V
exceeds the specifications of the ISO 11898 standard
• Low-Power Standby Mode <15 µA max
for use in applications employing a Controller Area
SN65HVDA540: No Wake Up
Network (CAN). The device is qualified for use in
automotive applications.
SN65HVDA541: Wake Up Powered By VIO
Supply So VCC (5 V) Supply May Be Shut
As a CAN transceiver, this device provides differential
Down to Save System Power
transmit capability to the bus and differential receive
capability to a CAN controller at signaling rates up to
• High Electromagnetic Immunity (EMI)
1 megabit per second (Mbps)(1).
• Low Electromagnetic Emissions (EME)
Designed
for
operation
in
especially
harsh
• Protection
environments,
the
SN65HVDA540/SN65HVDA541
Undervoltage Protection on VIO and VCC
features cross-wire, bus over voltage, loss of ground
Bus-Fault Protection of –27 V to 40 V
protection, over temperature thermal shut down
protection, and a wide common-mode range.
Dominant Time-Out Function
Thermal Shutdown Protection
(1)
The signaling rate of a line is the number of voltage
Power-Up/Down Glitch-Free Bus Inputs and
transitions that are made per second, expressed in the units
Outputs
bps (bits per second).
FUNCTIONAL BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN65HVDA540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA540-5-Q1 TI1-SN65HVDA540-5-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA540-5-Q1 TI1-SN65HVDA540-5-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA540-Q1 TI1-SN65HVDA540-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
More results

Similar Description - SN65HVDA540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HVDA551QDRQ1 TI1-HVDA551QDRQ1 Datasheet
921Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER-MODE SUPPLY OPTIMIZATION
SN65HVDA540-Q1 TI1-SN65HVDA540-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA540-5-Q1 TI1-SN65HVDA540-5-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN74AVCH2T45 TI1-SN74AVCH2T45_15 Datasheet
985Kb / 31P
[Old version datasheet]   2-Supply, Bus Transceiver with Configurable Level-Shifting
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
[Old version datasheet]   TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
logo
NXP Semiconductors
UJA1166A NXP-UJA1166A Datasheet
435Kb / 35P
   High-speed CAN transceiver with 5 V LDO and Sleep mode
Rev. 1 ??23 August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com