Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA1100A Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ENA1100A
Description  VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifi er Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ENA1100A Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ENA1100A Datasheet HTML 1Page - Sanyo Semicon Device ENA1100A Datasheet HTML 2Page - Sanyo Semicon Device ENA1100A Datasheet HTML 3Page - Sanyo Semicon Device ENA1100A Datasheet HTML 4Page - Sanyo Semicon Device ENA1100A Datasheet HTML 5Page - Sanyo Semicon Device ENA1100A Datasheet HTML 6Page - Sanyo Semicon Device ENA1100A Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
15GN01MA
No. A1100-3/7
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
300
350
400
450
IT06251
PC -- Ta
1
2
4
3
6
5
7
8
9
10
0.1
23
5
7
23
5
1.0
Ron -- IB
Base Current, IB -- mA
Ambient Temperature, Ta --
°C
IT05403
f=10kHz
IN
OUT
1kΩ
10kΩ
IB
When mounted on ceramic substrate
(250mm2
✕0.8mm)
3
1.0
57
2
3
57
10
23
5
7
2
3
5
7
0.1
2
0.01
Collector Current, IC -- mA
IT06249
VCE(sat) -- IC
IC / IB=10
0.1
23
5
7
1.0
23
5
7
10
5
7
2
3
5
1.0
Collector-to-Base Voltage, VCB -- V
IT06250
Cre -- VCB
f=1MHz
3
5
5
7
1.0
2
3
1.0
23
5
7
2
3
5
7
10
100
f T -- IC
Collector Current, IC -- mA
IT05402
VCE=5V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
IT05404
0.1
23
5
5
72
3
7
1.0
10
5
7
2
5
3
1.0
f=1MHz


Similar Part No. - ENA1100A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1100A ONSEMI-ENA1100A Datasheet
306Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single MCP
August, 2013
More results

Similar Description - ENA1100A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5374A SANYO-2SC5374A_12 Datasheet
534Kb / 8P
   VHF to UHF Band OSC, High-Frequency Amplifi er Applications
15GN01MA SANYO-15GN01MA Datasheet
54Kb / 5P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01CA SANYO-15GN01CA_12 Datasheet
399Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01M SANYO-15GN01M Datasheet
25Kb / 4P
   VHF to UHF Band High-frequency Switching, Highfrequency General-Purpose Amplifier Applications
12A02MH-TL-E SANYO-12A02MH-TL-E Datasheet
473Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
30C02MH-TL-E SANYO-30C02MH-TL-E Datasheet
477Kb / 6P
   Low-Frequency General-Purpose Amplifi er Applications
50A02CH SANYO-50A02CH_12 Datasheet
532Kb / 7P
   Low-Frequency General-Purpose Amplifi er Applications
30C02MH SANYO-30C02MH Datasheet
247Kb / 4P
   Low-Frequency General-Purpose Amplifi er Applications
15GN01CA SANYO-15GN01CA Datasheet
53Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01FA SANYO-15GN01FA Datasheet
54Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com