Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1929M Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA1929M
Description  TV RF MODULATOR/PLL
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1929M Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA1929M Datasheet HTML 4Page - Sony Corporation CXA1929M Datasheet HTML 5Page - Sony Corporation CXA1929M Datasheet HTML 6Page - Sony Corporation CXA1929M Datasheet HTML 7Page - Sony Corporation CXA1929M Datasheet HTML 8Page - Sony Corporation CXA1929M Datasheet HTML 9Page - Sony Corporation CXA1929M Datasheet HTML 10Page - Sony Corporation CXA1929M Datasheet HTML 11Page - Sony Corporation CXA1929M Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
—8—
CXA1929M
Pin
No.
14
15
16
17
18
19
20
22
24
Reference
PDout
OSC GND
OSC 1
OSC 2
OSC 3
OSC 4
OSC VCC
Mod-Adj
RF-OUT
Pin Voltage
Typical DC
2.1 V
0 V
2.5 V
1.7 V
1.7 V
2.5 V
5.V
2.5 V
3.4 V
Equivalent circuit
14
FMOSC
MIXER
22
MIXER
24
20
19
17
18
16
15
Description
Phase detector output
VCO Ground
UHF OSC
Oscillator supply Voltage 5 V
External Adjust Mod depth.
RF output.
Must be terminated with 75
Ω.
Application Circuit Notes
1. RF output pin 24 should be connected to a 75
Ω load in order to measure accurate input level. Also note
pin 24 has 2.7 k
Ω to GND.
The output is measured using a spectrum analyzer.
2. After turning the device on, tune the variable inductor FM Tank so at the 6.5 MHz setting (set by I2C
control) the voltage on pin 6 should read 2.02 V
Set Fsound = 3
Delta Fsound = 1


Similar Part No. - CXA1929M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA1908S ETC2-CXA1908S Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Sony Corporation
CXA1910 SONY-CXA1910 Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1911 SONY-CXA1911 Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
More results

Similar Description - CXA1929M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3050M SONY-CXA3050M Datasheet
328Kb / 18P
   NICAM and SMATV RF MODULATOR/PLL
logo
New Japan Radio
NJM2208 NJRC-NJM2208 Datasheet
290Kb / 7P
   TV VIDEO MODULATOR
NJM1372A NJRC-NJM1372A Datasheet
163Kb / 5P
   TV VIDEO MODULATOR
logo
Motorola, Inc
MC1374 MOTOROLA-MC1374 Datasheet
112Kb / 10P
   TV MODULATOR CIRCUIT
MC1373 MOTOROLA-MC1373 Datasheet
211Kb / 3P
   TV Video Modulator
logo
Siemens Semiconductor G...
SDA3112 SIEMENS-SDA3112 Datasheet
373Kb / 10P
   TV PLL
logo
National Semiconductor ...
LM2889 NSC-LM2889 Datasheet
219Kb / 10P
   LM2889 TV Video Modulator
LM1889 NSC-LM1889 Datasheet
326Kb / 10P
   LM1889 TV Video Modulator
logo
Infineon Technologies A...
TDA6060XS INFINEON-TDA6060XS Datasheet
831Kb / 28P
   Video-Modulator with PLL
logo
List of Unclassifed Man...
CXA1122AM ETC1-CXA1122AM Datasheet
39Kb / 1P
   RF MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com