Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3745LS Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SK3745LS
Description  High-Voltage, High-Speed Switching Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3745LS Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SK3745LS_12 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3745LS_12 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3745LS_12 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3745LS_12 Datasheet HTML 4Page - Sanyo Semicon Device 2SK3745LS_12 Datasheet HTML 5Page - Sanyo Semicon Device 2SK3745LS_12 Datasheet HTML 6Page - Sanyo Semicon Device 2SK3745LS_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SK3745LS
No.8635-4/7
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V
A S O
VGS -- Qg
1.0
2
3
5
7
2
3
5
7
2
3
5
7
0.1
0.01
23
5 7
23
5 7
23
5 7
1.0
10
100
1000
2
IT07127
IT07126
0
0
1
2
3
4
5
6
7
8
40
10
9
10
20
30
Operation in this area
is limited by RDS(on).
100
μs
1ms
10ms
100ms
ID=2A
IDP=4A(PW≤10μs)
DC
operation
VDS=200V
ID=2A
Tc=25
°C
Single pulse
Ambient Temperature, Ta --
°C
Case Temperature, Tc --
°C
PD -- Ta
PD -- Tc
0
0
20
40
0.5
60
1.5
1.0
80
100
120
2.0
2.5
140
160
IT07128
0
0
20
40
5
60
15
10
80
100
120
20
25
30
35
40
140
160
IT07129


Similar Part No. - 2SK3745LS_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SK3745LS-1E ONSEMI-2SK3745LS-1E Datasheet
260Kb / 7P
   N-Channel Power MOSFET
July, 2013
More results

Similar Description - 2SK3745LS_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3748 SANYO-2SK3748 Datasheet
46Kb / 4P
   High-Voltage, High-Speed Switching Applications
2SK3746 SANYO-2SK3746_12 Datasheet
497Kb / 7P
   High-Voltage, High-Speed Switching Applications
2SK3747 SANYO-2SK3747_12 Datasheet
107Kb / 7P
   High-Voltage, High-Speed Switching Applications
logo
Toshiba Semiconductor
1SS398 TOSHIBA-1SS398_07 Datasheet
255Kb / 4P
   High Voltage, High Speed Switching Applications
1SS399 TOSHIBA-1SS399_07 Datasheet
254Kb / 4P
   High Voltage, High Speed Switching Applications
logo
Sanyo Semicon Device
2SK1412 SANYO-2SK1412 Datasheet
96Kb / 3P
   High-Voltage High-Speed Switching Applications
2SK1413 SANYO-2SK1413 Datasheet
81Kb / 3P
   High-Voltage High-Speed Switching Applications
logo
Pan Jit International I...
1SS397 PANJIT-1SS397 Datasheet
202Kb / 4P
   HIGH VOLTAGE, HIGH SPEED SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SK1414 SANYO-2SK1414 Datasheet
82Kb / 3P
   High-Voltage High-Speed Switching Applications
2SK2349 SANYO-2SK2349 Datasheet
54Kb / 4P
   High-Voltage, High-Speed Switching Applications
logo
Toshiba Semiconductor
1SS306 TOSHIBA-1SS306_07 Datasheet
223Kb / 3P
   High Voltage, High Speed Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com