Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65C3221IDBRQ Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65C3221IDBRQ
Description  3-V TO 5.5V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65C3221IDBRQ Datasheet(HTML) 1 Page - Texas Instruments

  SN65C3221IDBRQ Datasheet HTML 1Page - Texas Instruments SN65C3221IDBRQ Datasheet HTML 2Page - Texas Instruments SN65C3221IDBRQ Datasheet HTML 3Page - Texas Instruments SN65C3221IDBRQ Datasheet HTML 4Page - Texas Instruments SN65C3221IDBRQ Datasheet HTML 5Page - Texas Instruments SN65C3221IDBRQ Datasheet HTML 6Page - Texas Instruments SN65C3221IDBRQ Datasheet HTML 7Page - Texas Instruments SN65C3221IDBRQ Datasheet HTML 8Page - Texas Instruments SN65C3221IDBRQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN65C3221Q1
3V TO 5.5V SINGLECHANNEL RS232 COMPATIBLE LINE DRIVER/RECEIVER
SLLS616B − APRIL 2004 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Operates With 3-V to 5.5-V VCC Supply
D Operates Up To 1 Mbit/s
D Low Standby Current...1 µA Typical
D External Capacitors ...4 × 0.1 µF
D Accepts 5-V Logic Input With 3.3-V Supply
D RS-232 Bus-Pin ESD Protection Exceeds
±15 kV Using Human-Body Model (HBM)
D Auto-Powerdown Feature Automatically
Disables Drivers for Power Savings
D Applications
− Battery-Powered, Hand-Held, and
Portable Equipment
− PDAs and Palmtop PCs
− Notebooks, Sub-Notebooks, and Laptops
− Digital Cameras
− Mobile Phones and Wireless Devices
description/ordering information
The SN65C3221 consists of one line driver, one line receiver, and a dual charge-pump circuit with
±15-kV ESD
protection pin to pin (serial-port connection pins, including GND). This device provides the electrical interface
between an asynchronous communication controller and the serial-port connector. The charge pump and four
small external capacitors allow operation from a single 3-V to 5.5-V supply. This device operates at data
signaling rates up to 1 Mbit/s and a driver output slew rate of 24 V/
µs to 150 V/µs.
Flexible control options for power management are available when the serial port is inactive. The
auto-powerdown feature functions when FORCEON is low and FORCEOFF is high. During this mode of
operation, if the device does not sense a valid RS-232 signal on the receiver input, the driver output is disabled.
If FORCEOFF is set low and EN is high, both the driver and receiver are shut off, and the supply current is
reduced to 1
µA. Disconnecting the serial port or turning off the peripheral drivers causes the auto-powerdown
condition to occur. Auto-powerdown can be disabled when FORCEON and FORCEOFF are high. With
auto-powerdown enabled, the device is activated automatically when a valid signal is applied to the receiver
input. The INVALID output notifies the user if an RS-232 signal is present at the receiver input. INVALID is high
(valid data) if the receiver input voltage is greater than 2.7 V or less than −2.7 V, or has been between −0.3 V
and 0.3 V for less than 30
µs. INVALID is low (invalid data) if the receiver input voltage is between −0.3 V and
0.3 V for more than 30
µs. See Figure 5 for receiver input levels.
ORDERING INFORMATION{
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 85°C
TSSOP (PW)
Reel of 2000
SN65C3221IPWRQ1
3221Q1
−40
°C to 85°C
SSOP (DB)
Reel of 2000
SN65C3221IDBRQ
3221Q1
† For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
Copyright
 2008, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
DB or PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
EN
C1+
V+
C1−
C2+
C2−
V−
RIN
FORCEOFF
VCC
GND
DOUT
FORCEON
DIN
INVALID
ROUT
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN65C3221IDBRQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3221IDBRQ TI1-SN65C3221IDBRQ Datasheet
802Kb / 17P
[Old version datasheet]   3-V TO 5.5V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results

Similar Description - SN65C3221IDBRQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C3221-Q1 TI1-SN65C3221-Q1_15 Datasheet
802Kb / 17P
[Old version datasheet]   3-V TO 5.5V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221 TI-SN65C3221 Datasheet
285Kb / 14P
[Old version datasheet]   3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221 TI-SN65C3221_06 Datasheet
289Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3221 TI1-SN65C3221_15 Datasheet
658Kb / 19P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3221 TI1-TRSF3221 Datasheet
505Kb / 16P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRS3227 TI1-TRS3227 Datasheet
350Kb / 15P
[Old version datasheet]   3-V TO 5.5-V SINGLE-CHANNEL RS-232 LINE DRIVER/RECEIVER
SN65C3223 TI-SN65C3223_06 Datasheet
281Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN65C3238 TI-SN65C3238_08 Datasheet
491Kb / 19P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
SN75C3223 TI-SN75C3223 Datasheet
289Kb / 14P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
TRSF3238IPW TI1-TRSF3238IPW Datasheet
270Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 COMPATIBLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com