Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1915AN Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA1915AN
Description  I-V Photo IC for MiniDisc
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1915AN Datasheet(HTML) 2 Page - Sony Corporation

  CXA1915AN Datasheet HTML 1Page - Sony Corporation CXA1915AN Datasheet HTML 2Page - Sony Corporation CXA1915AN Datasheet HTML 3Page - Sony Corporation CXA1915AN Datasheet HTML 4Page - Sony Corporation CXA1915AN Datasheet HTML 5Page - Sony Corporation CXA1915AN Datasheet HTML 6Page - Sony Corporation CXA1915AN Datasheet HTML 7Page - Sony Corporation CXA1915AN Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
—2—
CXA1915AN
Photo Detector Pattern Dimensions
Circuit Block Diagram
R=115k
A, B, C, D, E, F, I, and J are photodiodes.
A
B
CD
E
F
0.45 mm from package center
2.20 mm from reference side
160
5
135
70
150
J
I
8
10
1
2
4
7
5
6
Do
Ao
Jo
Bo
Co
Fo
Vcc
Vc
GND
Eo
3
9
R
12
Io
GND
11
R
J
I
B
F
C
A
D
E
(Unit: µm)


Similar Part No. - CXA1915AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1910 SONY-CXA1910 Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1911 SONY-CXA1911 Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1917AM SONY-CXA1917AM Datasheet
396Kb / 16P
   Dolby S type Noise Reduction Processor
More results

Similar Description - CXA1915AN

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6602V SANYO-LA6602V Datasheet
88Kb / 6P
   I-V Amplifier for MiniDisc Drives
logo
Sony Corporation
CXA1753M SONY-CXA1753M Datasheet
60Kb / 7P
   I-V Photo IC for CD Player
logo
Renesas Technology Corp
PH525F RENESAS-PH525F Datasheet
243Kb / 10P
   PHOTO DIODE INTERNAL I/V AMPLIFIER DETECTOR FOR CD
April 1st, 2010
logo
Hamamatsu Corporation
L12557-01SR HAMAMATSU-L12557-01SR_15 Datasheet
273Kb / 4P
   Photo IC for optical link
S7727 HAMAMATSU-S7727_15 Datasheet
243Kb / 3P
   Photo IC for optical link
S8046 HAMAMATSU-S8046 Datasheet
74Kb / 2P
   Photo IC for optical link
S6841 HAMAMATSU-S6841 Datasheet
320Kb / 4P
   Photo IC for optical switch
L11354-01 HAMAMATSU-L11354-01_15 Datasheet
683Kb / 12P
   Photo IC for optical link
S7141-10 HAMAMATSU-S7141-10 Datasheet
71Kb / 2P
   Photo IC for optical link
S11049 HAMAMATSU-S11049_15 Datasheet
473Kb / 6P
   Photo IC for optical switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com