Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9762201VEA Datasheet(PDF) 2 Page - Texas Instruments

Part # 5962-9762201VEA
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9762201VEA Datasheet(HTML) 2 Page - Texas Instruments

  5962-9762201VEA Datasheet HTML 1Page - Texas Instruments 5962-9762201VEA Datasheet HTML 2Page - Texas Instruments 5962-9762201VEA Datasheet HTML 3Page - Texas Instruments 5962-9762201VEA Datasheet HTML 4Page - Texas Instruments 5962-9762201VEA Datasheet HTML 5Page - Texas Instruments 5962-9762201VEA Datasheet HTML 6Page - Texas Instruments 5962-9762201VEA Datasheet HTML 7Page - Texas Instruments 5962-9762201VEA Datasheet HTML 8Page - Texas Instruments 5962-9762201VEA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
G
G
1A
1B
2A
2B
3A
3B
4A
4B
4
12
2
1
6
7
10
9
14
15
3
5
11
13
1Y
2Y
3Y
4Y
SN55LVDS32 logic diagram
(positive logic)
SN55LVDS32-SP
SLLSEB4 – MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
CDIP - J
5962-9762201VEA
5962-9762201VEA
–55°C to 125°C
CFP - W
5962-9762201VFA
5962-9762201VFA
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
xxx
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): SN55LVDS32-SP


Similar Part No. - 5962-9762201VEA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-9762201VFA TI-5962-9762201VFA Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
5962-9762201VFA TI-5962-9762201VFA Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
5962-9762201VFA TI-5962-9762201VFA Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - 5962-9762201VEA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
   High speed differential line receiver
Rev. 01-07 January 2004
logo
Texas Instruments
SN65LVDS2 TI-SN65LVDS2 Datasheet
131Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDT2 TI-SN65LVDT2 Datasheet
133Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
NXP Semiconductors
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
logo
Texas Instruments
SN65LVDS4 TI1-SN65LVDS4 Datasheet
456Kb / 20P
[Old version datasheet]   1.8-V HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02 Datasheet
181Kb / 9P
   SOTinyTM LVDS High-Speed Differential Line Receiver
logo
Texas Instruments
SN65LVDS4 TI1-SN65LVDS4_15 Datasheet
1Mb / 31P
[Old version datasheet]   1.8-V High-Speed Differential Line Receiver
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02_09 Datasheet
364Kb / 9P
   SOTiny LVDS High-Speed Differential Line Receiver
logo
Texas Instruments
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com