Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN55LVDS32-SP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN55LVDS32-SP
Description  HIGH-SPEED DIFFERENTIAL LINE RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN55LVDS32-SP Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN55LVDS32-SP Datasheet HTML 4Page - Texas Instruments SN55LVDS32-SP Datasheet HTML 5Page - Texas Instruments SN55LVDS32-SP Datasheet HTML 6Page - Texas Instruments SN55LVDS32-SP Datasheet HTML 7Page - Texas Instruments SN55LVDS32-SP Datasheet HTML 8Page - Texas Instruments SN55LVDS32-SP Datasheet HTML 9Page - Texas Instruments SN55LVDS32-SP Datasheet HTML 10Page - Texas Instruments SN55LVDS32-SP Datasheet HTML 11Page - Texas Instruments SN55LVDS32-SP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
B
A
G
G
VO
±
500 Ω
VTEST
10 pF
(see Note B)
1.2 V
tPZL
tPLZ
tPZL
tPLZ
tPZH
tPHZ
tPZH
tPHZ
2.5 V
1 V
2 V
1.4 V
0.8 V
2 V
1.4 V
0.8 V
2.5 V
1.4 V
VOL + 0.5 V
VOL
0
1.4 V
2 V
1.4 V
0.8 V
2 V
1.4 V
0.8 V
VOH
VOH - 0.5 V
1.4 V
0
VTEST
A
G, 1,2EN,
or 3,4EN
G
Y
VTEST
A
G
Y
Inputs
(see Note A)
1,2EN or 3,4EN
G, 1,2EN,
or 3,4EN
A.
All input pulses are supplied by a generator having the following characteristics: tr or tf≤ 1 ns, pulse repetition
rate(PRR) = 0.5 Mpps, pulse width = 500 ± 10 ns.
B.
CL includes instrumentation and fixture capacitance within 6 mm of the D.U.T.
SN55LVDS32-SP
SLLSEB4 – MARCH 2012
www.ti.com
Figure 4. Enable- and Disable-Time Test Circuit and Waveforms
TYPICAL CHARACTERISTICS
8
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): SN55LVDS32-SP


Similar Part No. - SN55LVDS32-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN55LVDS32 TI-SN55LVDS32 Datasheet
916Kb / 37P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
1,017Kb / 31P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
319Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN55LVDS32 TI-SN55LVDS32 Datasheet
1Mb / 35P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
More results

Similar Description - SN55LVDS32-SP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
   High speed differential line receiver
Rev. 01-07 January 2004
logo
Texas Instruments
SN65LVDS2 TI-SN65LVDS2 Datasheet
131Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDT2 TI-SN65LVDT2 Datasheet
133Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
NXP Semiconductors
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
logo
Texas Instruments
SN65LVDS4 TI1-SN65LVDS4 Datasheet
456Kb / 20P
[Old version datasheet]   1.8-V HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02 Datasheet
181Kb / 9P
   SOTinyTM LVDS High-Speed Differential Line Receiver
logo
Texas Instruments
SN65LVDS4 TI1-SN65LVDS4_15 Datasheet
1Mb / 31P
[Old version datasheet]   1.8-V High-Speed Differential Line Receiver
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02_09 Datasheet
364Kb / 9P
   SOTiny LVDS High-Speed Differential Line Receiver
logo
Texas Instruments
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com