Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SQJ463EP Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SQJ463EP
Description  Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ463EP Datasheet(HTML) 8 Page - Vishay Siliconix

  SQJ463EP Datasheet HTML 1Page - Vishay Siliconix SQJ463EP Datasheet HTML 2Page - Vishay Siliconix SQJ463EP Datasheet HTML 3Page - Vishay Siliconix SQJ463EP Datasheet HTML 4Page - Vishay Siliconix SQJ463EP Datasheet HTML 5Page - Vishay Siliconix SQJ463EP Datasheet HTML 6Page - Vishay Siliconix SQJ463EP Datasheet HTML 7Page - Vishay Siliconix SQJ463EP Datasheet HTML 8Page - Vishay Siliconix SQJ463EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 27-Aug-12
2
Document Number: 69003
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Millimeters will gover
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
1.00
1.07
1.14
0.039
0.042
0.045
A1
0.00
-
0.127
0.00
-
0.005
b
0.33
0.41
0.48
0.013
0.016
0.019
b1
0.44
0.51
0.58
0.017
0.020
0.023
b2
4.80
4.90
5.00
0.189
0.193
0.197
b3
0.094
0.004
b4
0.47
0.019
c
0.20
0.25
0.30
0.008
0.010
0.012
D
5.00
5.13
5.25
0.197
0.202
0.207
D1
4.80
4.90
5.00
0.189
0.193
0.197
D2
3.86
3.96
4.06
0.152
0.156
0.160
D3
1.63
1.73
1.83
0.064
0.068
0.072
e
1.27 BSC
0.050 BSC
E
6.05
6.15
6.25
0.238
0.242
0.246
E1
4.27
4.37
4.47
0.168
0.172
0.176
E2 (for Al product)
2.75
2.85
2.95
0.108
0.112
0.116
E2 (for other product)
3.18
3.28
3.38
0.125
0.129
0.133
F
-
-
0.15
-
-
0.006
L
0.62
0.72
0.82
0.024
0.028
0.032
L1
0.92
1.07
1.22
0.036
0.042
0.048
K
0.51
0.020
W
0.23
0.009
W1
0.41
0.016
W2
2.82
0.111
W3
2.96
0.117
-
10°
-
10°
ECN: C12-0026-Rev. B, 27-Aug-12
DWG: 5976


Similar Part No. - SQJ463EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ463EP VISHAY-SQJ463EP Datasheet
377Kb / 13P
   Automotive Dual N-Channel 12 V (D-S) 175 °C MOSFETs
Rev. A, 19-Oct-15
SQJ463EP-T1-GE3 VISHAY-SQJ463EP-T1-GE3 Datasheet
77Kb / 4P
   P-Channel 40 V (D-S) MOSFET
Rev. B, 29-Oct-12
SQJ463EP-T1-GE3 VISHAY-SQJ463EP-T1-GE3 Datasheet
172Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
09-Jul-2021
SQJ463EP VISHAY-SQJ463EP_15 Datasheet
168Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 28-Nov-11
SQJ463EP VISHAY-SQJ463EP_V01 Datasheet
172Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
09-Jul-2021
More results

Similar Description - SQJ463EP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2319ES VISHAY-SQ2319ES Datasheet
224Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 C MOSFET
Rev. C, 07-Nov-11
SQM40031EL VISHAY-SQM40031EL Datasheet
173Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 23-Jan-17
SQD50P04-13L VISHAY-SQD50P04-13L_15 Datasheet
169Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 29-Dec-14
SQS415ENW VISHAY-SQS415ENW_V02 Datasheet
249Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQM50P04-09L VISHAY-SQM50P04-09L_V01 Datasheet
161Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4401CEY VISHAY-SQ4401CEY_V01 Datasheet
157Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2389ES VISHAY-SQ2389ES Datasheet
277Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 02-Feb-15
SQS401EN VISHAY-SQS401EN_15 Datasheet
1Mb / 14P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. C, 31-Oct-11
SQ4401EY VISHAY-SQ4401EY Datasheet
255Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQM120P04-04L VISHAY-SQM120P04-04L_V01 Datasheet
165Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2022
SQM120P04-04L VISHAY-SQM120P04-04L_V02 Datasheet
164Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com